Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR021V1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEVAL-TDR021V1
Description  Demonstration board using the PD84008L-E for 900 MHz 2-way radio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR021V1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEVAL-TDR021V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Test circuit
STEVAL-TDR021V1
8/11
Doc ID 18100 Rev 1
Component ID
Description
Value
Case size
Manufacturer
Part code
R3
Resistor
100
Ω
0603
Tyco electronics
01623440-1
TL1
Transmission
Line
W=0.92 mm
L=12,5 mm
TL2
Transmission
Line
W=0.92 mm
L=3,5 mm
TL3
Transmission
Line
W=0.92 mm
L=2,6 mm
TL4
Transmission
Line
W=0.92 mm
L=1,8 mm
TL5
Transmission
Line
W=0.92 mm
L=5,3 mm
TL6
Transmission
Line
W=0.92 mm
L=10.0 mm
RF in, RF out
SMA-CONN
50
Ω
60 mils
Johnson
142-0701-801
PD84008L-E
LDMOS
STMicroelectronics
PD84008L-E
Board
FR-4 THk=0.020" 2OZ Cu both sides
Table 4.
Component part list (continued)


Similar Part No. - STEVAL-TDR021V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
More results

Similar Description - STEVAL-TDR021V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
   Demonstration board using the PD85004 for 900 MHz 2-way radio
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
UM0575 STMICROELECTRONICS-UM0575 Datasheet
727Kb / 20P
   The e-STARTER demonstration board
logo
M/A-COM Technology Solu...
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way Power Divider 5 - 900 MHz
logo
STMicroelectronics
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
logo
Tyco Electronics
ESSM-2-6 MACOM-ESSM-2-6 Datasheet
199Kb / 2P
   E-Series 2-Way 0 Power Divider 5 - 900 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com