Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IFP008V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP008V1
Description  Demonstration board for the CLT3-4B current limited termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP008V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP008V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP008V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP008V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP008V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
May 2008
Rev 1
1/4
4
STEVAL-IFP008V1
Demonstration board for the
CLT3-4B current limited termination
Features
For IEC61131-2 type 1 and 3 inputs
4 input channel topology
Fully integrated internally fixed current limiter
Optocoupler output drive
Wide range supply voltage and temperature
operation
Description
The CLT3-4B is a quadruple logic input
termination for sensor or mechanical switch
interfaces. It is designed to work in 24 VDC
applications such as PLCs (programmable logic
controllers), PACs (programmable automation
controllers) and distributed I/O systems used in
factory automation.
The device optimizes the input VI characteristic to
reduce its power dissipation. This becomes
critical when the application cabinet or housing
requires higher protection levels such as IP65 and
IP67. These closed cabinets are used in various
automated lines including the food and chemical
industry.
The power dissipated inside the module is very
limited as there is usually no air circulation inside
the box. The current limitation also reduces the
power losses in the sensor.
The most important aspect of the CLT3-4B is the
electrical protection and susceptibility its brings to
the application. The CLT3-4B implements efficient
protection diodes on each input and supply volt-
age line. Serial resistors ensure a higher level of
susceptibility of the entire input module.
Thanks to its compact TSSOP20 package CLT3-
4B device occupies very little space on the PCB
compared to an equivalent discrete solution.
STEVAL-IFP008V1
www.st.com


Similar Part No. - STEVAL-IFP008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP001V1 STMICROELECTRONICS-STEVAL-IFP001V1 Datasheet
249Kb / 4P
   8-channel high-side driver demonstration board with the VN808CM-E
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
   High Side Driver - 8 Channel based on VN808
STEVAL-IFP004V1 STMICROELECTRONICS-STEVAL-IFP004V1 Datasheet
121Kb / 4P
   Digital input termination PCLT2
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
   High side driver demonstration board based on the VN751PT
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
   16-bit PLC digital input card demonstration board based on the SCLT3
More results

Similar Description - STEVAL-IFP008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
   The serial current limited termination device
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
TMC2069P7C FAIRCHILD-TMC2069P7C Datasheet
87Kb / 12P
   Demonstration Board for the TMC3003 DAC
logo
STMicroelectronics
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
   Demonstration board user guidelines for the
AN2862 STMICROELECTRONICS-AN2862 Datasheet
164Kb / 7P
   Demonstration board user guidelines for the TS2007FC
AN3031 STMICROELECTRONICS-AN3031 Datasheet
1Mb / 28P
   SCLT3-8 input termination demonstration board
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
UM0575 STMICROELECTRONICS-UM0575 Datasheet
727Kb / 20P
   The e-STARTER demonstration board
STEVAL-CBP002V1 STMICROELECTRONICS-STEVAL-CBP002V1 Datasheet
137Kb / 5P
   Buzzer on the board for mute feature demonstration
STEVAL-ISQ013V1 STMICROELECTRONICS-STEVAL-ISQ013V1 Datasheet
74Kb / 4P
   Low-side current sensing demonstration board based on the TS507
August 2010 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com