Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IHM032V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IHM032V1
Description  150 W inverter featuring the L639x and STGD3HF60HD for 1-shunt based sinusoidal vector control and trapezoidal scalar control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM032V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IHM032V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM032V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM032V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM032V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic
STEVAL-IHM032V1
2/4
Doc ID 022402 Rev 1
1
Schematic
Figure 1.
Internal schematic
STMicroelectronics and/or its licensors do not warrant the accuracy or
completeness of this specification or any information contained
therein. STMicroelectronics and/or its licensors do not warrant that
this design will meet the specifications, will be suitable for your
application or fit for any particular purpose, or will operate in an
implementation. STMicroelectronics and/or its licensors do not warrant
that the design is production worthy. You should completely validate
and test your design implementation to confirm the system
functionality for your application.
MOTOR
RS model C621/1206
Placed near the IGBT bridge
+3.3V+5V
GND
GND
PhaseW_L
PhaseW_H
PhaseU_L
PhaseU_H
Curr feedback
PhaseV_L
PhaseV_H
CUR_OP-
CUR_OP+
CUR_OP+
CUR_OP-
Curr feedback
Phase A
Phase B
Phase C
Phase A
Phase B
Phase C
Emergency
Temperature feedback
BLDC Curr ref.
GND
GND
OC Boost
BLDC ETR
Curr feedback
Vbus
Vbus
Vbus
+15V
+15V
+15V
Vdd_Micro
Vdd_Micro
Vdd_Micro
Vdd_Micro
U3
L6391D
U3
L6391D
LIN
1
SD/OD
2
HIN
3
VCC
4
DT
5
NC_6
6
GND
7
CP-
8
CP+
9
LVG
10
NC_11
11
OUT
12
HVG
13
BOOT
14
R14
10
R14
10
C10
470nF
C10
470nF
R3510
R3510
R12
10
R12
10
R70
910
R70
910
R63
1.8
R63
1.8
R68
4.7k
R68
4.7k
J17
J17
1
2
C8
2.2uF
C8
2.2uF
R71
1.8
R71
1.8
R32
1.8
R32
1.8
R29
910
R29
910
NTC2
NTC 10k
NTC2
NTC 10k
R26 22
R26 22
R67
2k
R67
2k
R59
2.7k
R59
2.7k
Q7
STGD3HF60HDT4
Q7
STGD3HF60HDT4
1
Q4
STGD3HF60HDT4
Q4
STGD3HF60HDT4
1
R36
100
R36
100
R15
100
R15
100
R27
2.2k
R27
2.2k
R64
10k
R64
10k
C13
22nF
C13
22nF
R13
100
R13
100
D1
1N4148
D1
1N4148
R73
N.M.
R73
N.M.
C9
470nF
C9
470nF
Q9
STGD3HF60HDT4
Q9
STGD3HF60HDT4
1
Q6
STGD3HF60HDT4
Q6
STGD3HF60HDT4
1
R5
10
R5
10
C12
N.M.
C12
N.M.
R25
1k
R25
1k
C15
33pF
C15
33pF
R3
10M
R3
10M
D8
1N4148
D8
1N4148
D6
1N4148
D6
1N4148
R31 1k
R31 1k
U2
L6392D
U2
L6392D
LIN
1
SD
2
HIN
3
VCC
4
DT
5
OPOUT
6
GND
7
OP+
8
OP-
9
LVG
10
NC
11
OUT
12
HVG
13
BOOT
14
C14
2.2nF
C14
2.2nF
C37
10nF
C37
10nF
Q1
STGD3HF60HDT4
Q1
STGD3HF60HDT4
1
R66
10k
R66
10k
R6
100
R6
100
R41
10
R41
10
R21
10
R21
10
J16
J16
1
3
R30
1k
R30
1k
R69
4.7k
R69
4.7k
C11
2.2uF
C11
2.2uF
C16
2.2uF
C16
2.2uF
R34
2.7k
R34
2.7k
R33
1k
R33
1k
J12
CON3
J12
CON3
1
2
3
R43
100
R43
100
Q3
STGD3HF60HDT4
Q3
STGD3HF60HDT4
1
R23
100
R23
100
R28 22
R28 22
D3
1N4148
D3
1N4148
Q10
N.M.
Q10
N.M.
U4
L6392D
U4
L6392D
LIN
1
SD
2
HIN
3
VCC
4
DT
5
OPOUT
6
GND
7
OP+
8
OP-
9
LVG
10
NC
11
OUT
12
HVG
13
BOOT
14
C46
4.7nF
C46
4.7nF
D4
1N4148
D4
1N4148
R60
5.6k
R60
5.6k
D7
1N4148
D7
1N4148
C17
470nF
C17
470nF
R74
N.M.
R74
N.M.
C7
4.7nF
C7
4.7nF
R72
1.8
R72
1.8
AM10125V1


Similar Part No. - STEVAL-IHM032V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
   3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
STEVAL-IHM033V1 STMICROELECTRONICS-STEVAL-IHM033V1 Datasheet
131Kb / 6P
   External oscillator
October 2011 Rev 2
STEVAL-IHM034V2 STMICROELECTRONICS-STEVAL-IHM034V2 Datasheet
452Kb / 13P
   Dual motor control and PFC evaluation board featuring the STM32F103 and STGIPS20C60
January 2014 Rev 2
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
   3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
   3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
August 2013 Rev 1
More results

Similar Description - STEVAL-IHM032V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM024V1 STMICROELECTRONICS-STEVAL-IHM024V1 Datasheet
174Kb / 5P
   100 W 3-phase inverter using the L6390 and STGDL6NC60DI for vector control
UM1491 STMICROELECTRONICS-UM1491 Datasheet
417Kb / 25P
   100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
   3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
   3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
   3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
August 2013 Rev 1
logo
Sanken electric
SX68200M SANKEN-SX68200M Datasheet
1Mb / 69P
   Sinusoidal 3-phase Brushless Motor Drivers with Sensorless Vector Control
logo
STMicroelectronics
STEVAL-IHM034V2 STMICROELECTRONICS-STEVAL-IHM034V2 Datasheet
452Kb / 13P
   Dual motor control and PFC evaluation board featuring the STM32F103 and STGIPS20C60
January 2014 Rev 2
logo
International Rectifier
IRMCF312 IRF-IRMCF312 Datasheet
227Kb / 8P
   Dual Channel Sensorless PM Motor Control IC MCETM(Motion Control Engine) based sinusoidal sensorless control
logo
STMicroelectronics
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
   150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
UM0580 STMICROELECTRONICS-UM0580 Datasheet
994Kb / 24P
   100 W 3 phase inverter featuring L6390 and STD5NK52ZD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com