Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IHP004V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHP004V1
Description  High-end smartplug systems to measure and control AC loads based on the SPZB32W1A2.1, STPM10, T2035H and M24LR64
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHP004V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHP004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHP004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHP004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHP004V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
June 2012
Doc ID 023296 Rev 1
1/4
4
STEVAL-IHP004V1
High-end smartplug systems to measure and control AC loads
based on the SPZB32W1A2.1, STPM10, T2035H and M24LR64
Data brief
Features
RF network to monitor and manage the
plugged load
Energy consumption monitoring
IEEE-802.15.4 communication
ON/OFF and dimming
RoHS compliant
Description
The STEVAL-IHP004V1 demonstration board is a
smartplug based on the SPZB32W1A2.1 module
which integrates the STM32W108 microcontroller
with IEEE-802.15.4 integrated radio and 32-bit
ARM Cortex-M3 core.
The STPM10 energy metering IC is used for
energy measurement while the AC load can be
controlled by a 16 A relay supporting soft-switch
by the T2035H TRIAC.
The STEVAL-IHP004V1 demonstration board is a
node of an RF network which allows the final user
to monitor and manage the plugged load energy
consumption. The node personalization is
supported by the M24LR64 dual interface
EEPROM.
The introduction of the dual interface EEPROM
enables RF communication with RFID readers or
ISO15693-capable NFC phones, allowing offline
programming of the smart plug’s
parameters/profile, as well as download of
events/logs.
The STEVAL-IHP004V1 demonstration board has
been developed in order to provide a guideline to
build a home/building automation subsystem for
energy management and sub-metering. It is
designed to fit the dimensions of a standard box
for wall installation and easy integration into
home/building electrical plants.
The current, power, energy and other info related
to the electrical load connected to the smartplug
board are sent to an IEEE-802.15.4 data
concentrator through the home/building RF
network.
www.st.com


Similar Part No. - STEVAL-IHP004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHP001V2 STMICROELECTRONICS-STEVAL-IHP001V2 Datasheet
243Kb / 11P
   SmartPlug demonstration board based on the STM32, SN260 (ZigBee짰 transceiver) and STPM01
July 2009 Rev 1
STEVAL-IHP001V3 STMICROELECTRONICS-STEVAL-IHP001V3 Datasheet
248Kb / 11P
   ZigBee짰 SmartPlug demonstration board based on the STM32F10x, SPZB260-PRO and STPM01
April 2010 Rev 1
STEVAL-IHP002V1 STMICROELECTRONICS-STEVAL-IHP002V1 Datasheet
333Kb / 10P
   SmartPlug systems to measure and control AC loads, based on the STM32, ST7540 PLM, and STPM01
STEVAL-IHP002V2 STMICROELECTRONICS-STEVAL-IHP002V2 Datasheet
287Kb / 10P
   Smartplug system to measure and control AC loads based on the STM32, ST7540 PLM and STPM01
STEVAL-IHP003V1 STMICROELECTRONICS-STEVAL-IHP003V1 Datasheet
157Kb / 4P
   Remote-controlled PLM network module based on the ST7540 and STM32F103C8
More results

Similar Description - STEVAL-IHP004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHP002V1 STMICROELECTRONICS-STEVAL-IHP002V1 Datasheet
333Kb / 10P
   SmartPlug systems to measure and control AC loads, based on the STM32, ST7540 PLM, and STPM01
STEVAL-IHP002V2 STMICROELECTRONICS-STEVAL-IHP002V2 Datasheet
287Kb / 10P
   Smartplug system to measure and control AC loads based on the STM32, ST7540 PLM and STPM01
STEVAL-IHP001V2 STMICROELECTRONICS-STEVAL-IHP001V2 Datasheet
243Kb / 11P
   SmartPlug demonstration board based on the STM32, SN260 (ZigBee짰 transceiver) and STPM01
July 2009 Rev 1
STEVAL-IHP001V3 STMICROELECTRONICS-STEVAL-IHP001V3 Datasheet
248Kb / 11P
   ZigBee짰 SmartPlug demonstration board based on the STM32F10x, SPZB260-PRO and STPM01
April 2010 Rev 1
STEVAL-IPE020V1 STMICROELECTRONICS-STEVAL-IPE020V1 Datasheet
294Kb / 7P
   Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152
March 2012 Rev 1
STEVAL-IHM013V1 STMICROELECTRONICS-STEVAL-IHM013V1 Datasheet
134Kb / 4P
   Demonstration board on low-end vacuum cleaner based on the ST7FLiteUS5 and BTB12
UM1542 STMICROELECTRONICS-UM1542 Datasheet
2Mb / 43P
   Cold thermostat kit based on AC switches and the STM8S003F3
STEVAL-IHT001V2 STMICROELECTRONICS-STEVAL-IHT001V2 Datasheet
147Kb / 7P
   Cold thermostat kit based on AC switches and the STM8S
October 2012 Rev 3
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
   Protection of loads in power distribution systems in control cabinets and process control
logo
Murata Power Solutions ...
ACM3P MURATA-PS-ACM3P Datasheet
271Kb / 6P
   Measure and display the true-rms current of 3-phase power systems
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com