Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7427141S Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7427141S
Description  Snap Ferrite Ring with plastic case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427141S Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427141S Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427141S Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427141S Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427141S Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.1
3.0
2.0
REV
2012-06-27
2012-05-02
2007-01-08
DATE
SSt
SSt
KSC
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
Snap Ferrite Ring with plastic case
Order.- No.
7427141S
SIZE
A4
A Dimensions: [mm]
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Impedance @ 25 MHz 2 turns
Impedance @ 100 MHz 2 turns
Test conditions
25 MHz
100 MHz
25 MHz
100 MHz
Z
Z
Z
Z
Value
49
97
179
401
Unit
Ω
Ω
Ω
Ω
Tol.
±25%
±25%
±25%
±25%
E General information:
Storage Temperature (before assembly): 0°C to +40°C
Operating Temperature: -25°C to +105°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7427141S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427141 WURTH-7427141 Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
More results

Similar Description - 7427141S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427140 WURTH-7427140 Datasheet
461Kb / 4P
   Snap Ferrite Ring with plastic case
7427140S WURTH-7427140S Datasheet
461Kb / 4P
   Snap Ferrite Ring with plastic case
7427143S WURTH-7427143S Datasheet
462Kb / 4P
   Snap Ferrite Ring with plastic case
7427141 WURTH-7427141 Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
7427144S WURTH-7427144S Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
7427144 WURTH-7427144 Datasheet
478Kb / 4P
   Snap Ferrite Ring with plastic case
7427143 WURTH-7427143 Datasheet
462Kb / 4P
   Snap Ferrite Ring with plastic case
7427111S WURTH-7427111S Datasheet
469Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427122S WURTH-7427122S Datasheet
448Kb / 4P
   Snap Ferrite Sleeve with plastic case
7427113 WURTH-7427113 Datasheet
473Kb / 4P
   Snap Ferrite Sleeve with plastic case
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com