Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IKR001V5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IKR001V5
Description  Sub-GHz transceiver development kit based on the SPIRIT1 (915 MHz band)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IKR001V5 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IKR001V5 Datasheet HTML 1Page - STMicroelectronics STEVAL-IKR001V5 Datasheet HTML 2Page - STMicroelectronics STEVAL-IKR001V5 Datasheet HTML 3Page - STMicroelectronics STEVAL-IKR001V5 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-IKR001V5
2/4
Doc ID 023344 Rev 3
1
Schematic diagram
Figure 1.
Schematic diagram


Similar Part No. - STEVAL-IKR001V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
STEVAL-IKR001V3 STMICROELECTRONICS-STEVAL-IKR001V3 Datasheet
242Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (433 MHz band)
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
STEVAL-IKR001V6 STMICROELECTRONICS-STEVAL-IKR001V6 Datasheet
239Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (920 MHz band)
More results

Similar Description - STEVAL-IKR001V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
STEVAL-IKR001V3 STMICROELECTRONICS-STEVAL-IKR001V3 Datasheet
242Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (433 MHz band)
STEVAL-IKR001V1 STMICROELECTRONICS-STEVAL-IKR001V1 Datasheet
246Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (169 MHz band)
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
STEVAL-IKR001V6 STMICROELECTRONICS-STEVAL-IKR001V6 Datasheet
239Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (920 MHz band)
STEVAL-FKI868V1 STMICROELECTRONICS-STEVAL-FKI868V1 Datasheet
253Kb / 4P
   Sub-1 GHz transceiver development kit based on S2-LP
November 2016 Rev 1
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
   Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
   Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
logo
Murata Manufacturing Co...
DR-TRC104-2400-DK MURATA-DR-TRC104-2400-DK Datasheet
45Kb / 1P
   2.4 GHz Transceiver IC Development Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com