Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ILL031V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILL031V1
Description  Digital constant-current controller for LED driving based on the STM8S208x
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL031V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL031V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL031V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL031V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL031V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL031V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL031V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 17237 Rev 2
1/6
6
STEVAL-ILL031V1
Digital constant-current controller for LED driving
based on the STM8S208x
Features
DC input voltage: 48 V
Buck stage adapts output voltage to drive
LEDs with selected current
Four DC-DC buck converters allow driving of 4
LED strings, managing up to 120 W
Employs 3 W LEDs to obtain 30 W-per-string
(10 LEDs in series in each string)
Low voltage-sensing circuitry
Logic level MOSFETs driven by the
microcontroller without gate driver (ground
referred)
High efficiency (up to 98%)
RoHS compliant
Description
The purpose of the STEVAL-ILL031V1
demonstration board is to present a new digital
approach to performing real average current
control on an LED streetlighting platform.
This LED streetlight platform is developed on a
DC-DC “inverse buck” converter, taking
advantage of power switch control and
conditioning signal circuitry for current sensing.
Benefits of this design include low energy
consumption, low maintenance, and reduced size
and weight. The solution is customized for
streetlighting applications, but can be extended to
many other segments.
STEVAL-ILL031V1
www.st.com


Similar Part No. - STEVAL-ILL031V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL030V1 STMICROELECTRONICS-STEVAL-ILL030V1 Datasheet
197Kb / 12P
   LED lighting control demonstration board using DMX512 based on the STM32F103C6 and STCS1A
STEVAL-ILL033V1 STMICROELECTRONICS-STEVAL-ILL033V1 Datasheet
322Kb / 6P
   Control unit with PS2 keyboard interface for data entry
October 2011 Rev 1
STEVAL-ILL034V1 STMICROELECTRONICS-STEVAL-ILL034V1 Datasheet
170Kb / 4P
   LED driver for an A19 lamp based on the L6562A for USA market
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
   Up to 15 white LEDs per channel
June 2012 Rev 1
STEVAL-ILL037V1 STMICROELECTRONICS-STEVAL-ILL037V1 Datasheet
91Kb / 4P
   Demonstration board for the HVLED805 IC for LED power supply
More results

Similar Description - STEVAL-ILL031V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2823 STMICROELECTRONICS-AN2823 Datasheet
1Mb / 33P
   Current source for LED driving based on the L5973AD
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
   Offline constant current LED driver based on the VIPer17
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
STMicroelectronics
AN3151 STMICROELECTRONICS-AN3151 Datasheet
952Kb / 34P
   Digital constant-current controller
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
Texas Instruments
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com