Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7427153S Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7427153S
Description  STAR-RING Snap Ferrite with safety key technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427153S Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427153S Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427153S Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427153S Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427153S Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6.1
6.0
5.0
REV
2012-06-27
2012-04-30
2007-01-25
DATE
SSt
SSt
SMu
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
STAR-RING Snap Ferrite with safety key
technology
Order.- No.
7427153S
SIZE
A4
D2 General Properties:
Ferrite core
Ferrite core
Ferrite core
Plastic housing
Plastic housing
Test cable
Test cable
Properties
Material
Initial permeability
Curie temperature
Colour
Flammability Classification
Applicable cable
Applicable cable length
µi
TC
Value
4 W 620
620
150
Black
UL94-V0
AWG26
135
Unit
°C
mm
Tol.
typ.
typ.
F Typical Impedance Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7427153S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427153 WURTH-7427153 Datasheet
509Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
More results

Similar Description - 7427153S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427153 WURTH-7427153 Datasheet
509Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
7427155S WURTH-7427155S Datasheet
470Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
7427151 WURTH-7427151 Datasheet
449Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
7427154 WURTH-7427154 Datasheet
455Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
7427155 WURTH-7427155 Datasheet
470Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
7427151S WURTH-7427151S Datasheet
449Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
7427154S WURTH-7427154S Datasheet
455Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
74272475 WURTH-74272475 Datasheet
436Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272479 WURTH-74272479 Datasheet
443Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74271111 WURTH-74271111 Datasheet
440Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com