Electronic Components Datasheet Search |
|
STEVAL-ISV012V1 Datasheet(PDF) 1 Page - STMicroelectronics |
|
STEVAL-ISV012V1 Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 7 page Data brief For further information contact your local STMicroelectronics sales office. July 2011 Doc ID 018897 Rev 2 1/7 7 STEVAL-ISV012V1 Up to 5 W solar battery charger for single-cell Li-ion and Li-Pol batteries based on the SPV1040 and L6924D Features ■ SPV1040: solar boost converter with embedded maximum power point tracking (MPPT) – Proprietary “perturb & observe” MPPT algorithm – Up to 95% efficiency – Very low input voltage (down to 0.3 V) – Input reverse polarity protection – Thermal shut-down – Overcurrent protection – Enable pin ■ L6924D: Fully integrated linear charger solution with power MOSFET, reverse blocking diode and battery thermal control – 1% battery voltage regulation accuracy – Up to 1 A charge current with 7% accuracy – Closed loop thermal regulation protection for output current control – Low battery leakage current – Embedded quasi-pulse charging mode maximizes charge rate from solar panel – Selectable 4.1 V and 4.2 V output voltage – JEITA compliant with external circuit – Programmable charge, fast charge (up to 1 A), pre-charge, termination current, pre- charge mode voltage threshold, charge timer – Multifunction pin for flexible charge process termination – Status outputs to drive LEDs or host processor interface – Battery absence detection – NTC or PTC thermistor interface for battery temperature monitoring and protection – RoHS compliant STEVAL-ISV012V1 www.st.com |
Similar Part No. - STEVAL-ISV012V1 |
|
Similar Description - STEVAL-ISV012V1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |