Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR95HF Datasheet(PDF) 9 Page - STMicroelectronics

Part # CR95HF
Description  13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR95HF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CR95HF Datasheet HTML 5Page - STMicroelectronics CR95HF Datasheet HTML 6Page - STMicroelectronics CR95HF Datasheet HTML 7Page - STMicroelectronics CR95HF Datasheet HTML 8Page - STMicroelectronics CR95HF Datasheet HTML 9Page - STMicroelectronics CR95HF Datasheet HTML 10Page - STMicroelectronics CR95HF Datasheet HTML 11Page - STMicroelectronics CR95HF Datasheet HTML 12Page - STMicroelectronics CR95HF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
CR95HF
Power management and operating modes
Doc ID 018669 Rev 8
9/63
3.2
Startup sequence
After the power supply is established at power-on, the CR95HF waits for a low pulse on the
pin IRQ_IN (t1) before automatically selecting the external interface (SPI or UART) and
entering Ready state after a delay (t3).
Figure 5.
Power-up sequence
1.
Note for pin SSI0: - - - SPI selected, –––– UART selected
2.
Pin IRQ_IN low level < 0.2 VPS_Main.
Note:
When CR95HF leaves WFE mode (from Power-up, Hibernate, Sleep or Tag Detector)
following an |RQ_IN/RX low level pulse, this pulse is NOT interpreted as the UART start bit
character.
Figure 4.
CR95HF initialization and operating state change
Supply off
Power-up
POR
Ready
Reader
Tag Detector
(& Calibration )
Sleep
IRQ_IN
Protocol Select
POR sequence
Wake-up event
Hibernate
TimeOut
Tag Detection
Idle command
IRQ_IN
Active
WFE
IRQ_IN
Protocol Select
Serial I/F
selection
SPI
Reset


Similar Part No. - CR95HF

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CR900-B DFI-CR900-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR901-B DFI-CR901-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B DFI-CR902-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B3120ME DFI-CR902-B3120ME Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR902-B3517UE DFI-CR902-B3517UE Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
More results

Similar Description - CR95HF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
S6700 TI-S6700 Datasheet
91Kb / 3P
[Old version datasheet]   Multi-Protocol Transceiver IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
NXP Semiconductors
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
ATMEL Corporation
AT90RF135602 ATMEL-AT90RF135602 Datasheet
800Kb / 35P
   INTEGRATED 13.56 MHz CONTACTLESS READER WITH EMBEDED SOFTWARE
logo
Texas Instruments
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
logo
Exar Corporation
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
logo
NEC
UPD72001-11 NEC-UPD72001-11 Datasheet
206Kb / 40P
   MULTI-PROTOCOL SERIAL CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com