Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRT512 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SRT512_12 Datasheet HTML 4Page - STMicroelectronics SRT512_12 Datasheet HTML 5Page - STMicroelectronics SRT512_12 Datasheet HTML 6Page - STMicroelectronics SRT512_12 Datasheet HTML 7Page - STMicroelectronics SRT512_12 Datasheet HTML 8Page - STMicroelectronics SRT512_12 Datasheet HTML 9Page - STMicroelectronics SRT512_12 Datasheet HTML 10Page - STMicroelectronics SRT512_12 Datasheet HTML 11Page - STMicroelectronics SRT512_12 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Signal description
SRT512
8/46
Doc ID 13277 Rev 6
The SRT512 contactless EEPROM can be randomly read and written in block mode (each
block containing 32 bits). The instruction set includes the following nine commands:
Read_block
Write_block
Initiate
Pcall16
Slot_marker
Select
Completion
Reset_to_inventory
Get_UID
The SRT512 memory is organized in three areas, as described in Table 12. The first area is
an EEPROM area where all blocks behave as User blocks.
The second area provides two 32-bit binary counters that can only be decremented from
FFFF FFFFh to 0000 0000h, and gives a capacity of 4,294,967,296 units per counter.
The last area is the EEPROM memory. It is accessible by block of 32 bits and includes an
auto-erase cycle during each Write_block command.
Figure 2.
Die floor plan
2
Signal description
2.1
AC1, AC0
The pads for the antenna coil. AC1 and AC0 must be directly bonded to the antenna.
AI09055
AC1
AC0


Similar Part No. - SRT512_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRT512-SBN18/1G2 STMICROELECTRONICS-SRT512-SBN18/1G2 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512-SBN18/XXX STMICROELECTRONICS-SRT512-SBN18/XXX Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512-SBN181GE STMICROELECTRONICS-SRT512-SBN181GE Datasheet
387Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512-W4/1G2 STMICROELECTRONICS-SRT512-W4/1G2 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512-W4/XXX STMICROELECTRONICS-SRT512-W4/XXX Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
More results

Similar Description - SRT512_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AT STMICROELECTRONICS-ST25TB512-AT Datasheet
817Kb / 44P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
SRT512 STMICROELECTRONICS-SRT512 Datasheet
475Kb / 49P
   13.56 MHz short-range Contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AC STMICROELECTRONICS-ST25TB512-AC Datasheet
609Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
ST25TB04K STMICROELECTRONICS-ST25TB04K Datasheet
860Kb / 47P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
Rev 7 - February 2023
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
   13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
SRI2K STMICROELECTRONICS-SRI2K Datasheet
816Kb / 45P
   13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com