Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APU1160 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APU1160
Description  6A ULTRA LOW DROPOUT POSITIVE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APU1160 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APU1160 Datasheet HTML 1Page - Advanced Power Electronics Corp. APU1160 Datasheet HTML 2Page - Advanced Power Electronics Corp. APU1160 Datasheet HTML 3Page - Advanced Power Electronics Corp. APU1160 Datasheet HTML 4Page - Advanced Power Electronics Corp. APU1160 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APU1160
3/5
This pin is the positive side of the reference which allows remote load sensing to achieve
excellent load regulation.
A resistor divider from this pin to the VOUT pin and ground sets the output voltage.
The output of the regulator. A minimum of 10
mF capacitor must be connected from this
pin to ground to insure stability.
This pin is the supply pin for the internal control circuitry as well as the base drive for the
pass transistor. This pin must always be higher than the VOUT pin in order for the device to
regulate. (See specifications)
The input pin of the regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the minimum dropout
voltage during the load transient response. This pin must always be higher than VOUT in
order for the device to regulate. (See specifications)
Note 1: Low duty cycle pulse testing with Kelvin con-
nections are required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential between VIN and VOUT required to maintain regu-
lation at VOUT. It is measured when the output voltage
drops 1% below its nominal value.
Note 3: Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically the resistor
dividers are selected such that it automatically main-
tains this current.
PIN DESCRIPTIONS
PIN # PIN SYMBOL
PIN DESCRIPTION
1
2
3
4
5
VSENSE
Adj
VOUT
VCTRL
VIN
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Control Pin Current
Adjust Pin Current
VADJ=0V for all below conditions:
VCTRL=2.75V, VIN=2.05V, Io=1.5A
VCTRL=2.75V, VIN=2.05V, Io=5A
VCTRL=2.75V, VIN=2.05V, Io=6A
VCTRL=2.75V, VIN=2.05V, VADJ=0V
15
50
60
50
120
mA
mA
IADJ
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the APU1160.
VCTRL
VIN
VSENSE
Adj
VOUT
THERMAL
SHUTDOWN
CURRENT
LIMIT
1.25V
+
+
5
4
3
1
2


Similar Part No. - APU1160

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU1150 A-POWER-APU1150 Datasheet
366Kb / 7P
   4A ULTRA LOW DROPOUT POSITIVE
More results

Similar Description - APU1160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8586 MICROSEMI-LX8586 Datasheet
266Kb / 9P
   6A Low Dropout Positive Regulators
LX8586-XX MICROSEMI-LX8586-XX Datasheet
198Kb / 7P
   6A LOW DROPOUT POSITIVE REGULATORS
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8850 A-POWER-APU8850 Datasheet
234Kb / 6P
   150mA ULTRA LOW DROPOUT POSITIVE
APU1150 A-POWER-APU1150 Datasheet
366Kb / 7P
   4A ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8850 A-POWER-APU8850_14 Datasheet
148Kb / 7P
   150mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com