Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L350SLTH Datasheet(PDF) 6 Page - Littelfuse

Part # 1206L350SLTH
Description  LoRhoTM Surface Mount Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L350SLTH Datasheet(HTML) 6 Page - Littelfuse

  1206L350SLTH Datasheet HTML 1Page - Littelfuse 1206L350SLTH Datasheet HTML 2Page - Littelfuse 1206L350SLTH Datasheet HTML 3Page - Littelfuse 1206L350SLTH Datasheet HTML 4Page - Littelfuse 1206L350SLTH Datasheet HTML 5Page - Littelfuse 1206L350SLTH Datasheet HTML 6Page - Littelfuse 1206L350SLTH Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Revised: October 9, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
Lo Rho Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > LoRhoTM Series
Part Ordering Number System
PACKAGING STYLE
SIZE
LITTELFUSE SURFACE MOUNT PPTC
LoRho PTC Series
I
HOLD HOLD CURRENT CODE
QUANTITY CODE
R: Tape & Reel
(Not applicable to all parts)
P = 2000 W = 3000 Y = 4000 K = 10,000
1206 L 380 /12 SL TH Y R
SERIES
Thin Profile
(Not applicable to all parts. Refer to Electrical Characteristics section)
SPECIAL VOLTAGE RATING
Packaging
Part Number
Ordering Number
I
hold (A)
I
hold Code
Packaging Option Quantity
Quantity & Packaging Codes
0402L010SL
0402L010SLKR
0.10
010
Tape & Reel
10,000
KR
0402L020SL
0402L020SLKR
 0.20
020
10,000
KR
0402L035SL
0402L035SLKR
0.35
035
10,000
KR
0402L050SL
0402L050SLKR
0.50
050
10,000
KR
0603L050SL
0603L050SLYR
0.50
050
4,000
YR
0603L075SL
0603L075SLYR
0.75
075
4,000
YR
0603L100SL
0603L100SLYR
1.00
100
4,000
YR
0603L150SL
0603L150SLYR
1.50
150
4,000
YR
0603L175SL
0603L175SLYR
 1.75
175
4,000
YR
0805L075SL
0805L075SLYR
0.75
075
4,000
YR
0805L110SL
0805L110SLYR
1.10
110
4,000
YR
0805L150SL
0805L150SLYR
 1.50
150
4,000
YR
0805L175SL
0805L175SLYR
 1.75
175
4,000
YR
0805L200SLTH
0805L200SLTHYR
 2.00
200
4,000
YR
0805L260SLTH
0805L260SLTHYR
 2.60
260
4,000
YR
0805L300SL
0805L300SLWR
 3.00
300
3,000
WR
1206L075SL
1206L075SLYR
0.75
075
4,000
YR
1206L110SL
1206L110SLYR
1.10
110
4,000
YR
1206L150SL
1206L150SLYR
1.50
150
4,000
YR
1206L110/12SL
1206L110/12SLYR
1.10
110
4,000
YR
1206L150/12SL
1206L150/12SLYR
1.50
150
4,000
YR
1206L175SL
1206L175SLYR
 1.75
175
4,000
YR
1206L200SL
1206L200SLYR
 2.00
200
4,000
YR
1206L260SLTH
1206L260SLTHYR
2.60
260
4,000
YR
1206L300SLTH
1206L300SLTHYR
 3.00
300
4,000
YR
1206L350SLTH
1206L350SLTHYR
 3.50
350
4,000
YR
1206L380SLTH*
1206L380SLTHYR
2.82*
380
4,000
YR
1206L400SL
1206L400SLWR
4.00
400
3,000
WR
1206L450SL
1206L450SLWR
4.50
450
3,000
WR
1210L175SL
1210L175SLYR
 1.75
175
4,000
YR
1210L200SL
1210L200SLYR
2.00
200
4,000
YR
1210L260SL
1210L260SLYR
 2.60
260
4,000
YR
1210L300SL
1210L300SLYR
 3.00
300
4,000
YR
1210L350SL
1210L350SLWR
3.50
350
3,000
WR
1210L380SL
1210L380SLYR
3.80
380
4,000
YR
1210L400SL
1210L400SLWR
4.00
400
3,000
WR
1210L450SL
1210L450SLWR
 4.50
450
3,000
WR
1812L190SL
1812L190SLPR
1.90
190
2,000
PR
1812L260SL
1812L260SLPR
 2.60
260
2,000
PR
1812L270SL
1812L270SLPR
2.70
270
2,000
PR
1812L300SL
1812L300SLPR
 3.00
300
2,000
PR
1812L350SL
1812L350SLPR
3.50
350
2,000
PR
1812L370SL
1812L370SLPR
 3.70
370
2,000
PR
2920L700SL
2920L700SLPR
7.00
700
2,000
PR
Notes: *1206L380SLTH has I
hold 2.82A for at least 15min @ 55ºC.


Similar Part No. - 1206L350SLTH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
   Surface Mount PTC
1206L012 LITTELFUSE-1206L012 Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
1206L012 LITTELFUSE-1206L012 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L012 LITTELFUSE-1206L012 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L012 LITTELFUSE-1206L012 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
More results

Similar Description - 1206L350SLTH

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
1812L200THPR LITTELFUSE-1812L200THPR Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Mill-Max Mfg. Corp.
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
RFE international
RMF50R-4R7-J RFE-RMF50R-4R7-J Datasheet
70Kb / 1P
   SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
FSMD005-1210 RFE-FSMD005-1210 Datasheet
193Kb / 2P
   Surface Mount PPTC FSMD1210 Series
logo
Dielectric Laboratories...
L095XG9S DILABS-L095XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L254XF3S DILABS-L254XF3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
logo
M/A-COM Technology Solu...
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com