Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210L300SL Datasheet(PDF) 4 Page - Littelfuse

Part # 1210L300SL
Description  LoRhoTM Surface Mount Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1210L300SL Datasheet(HTML) 4 Page - Littelfuse

  1210L300SL Datasheet HTML 1Page - Littelfuse 1210L300SL Datasheet HTML 2Page - Littelfuse 1210L300SL Datasheet HTML 3Page - Littelfuse 1210L300SL Datasheet HTML 4Page - Littelfuse 1210L300SL Datasheet HTML 5Page - Littelfuse 1210L300SL Datasheet HTML 6Page - Littelfuse 1210L300SL Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Revised: October 9, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
Lo Rho Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > LoRhoTM Series
Temperature Rerating Curve
-40
-30
-20
-10
0
10
20
30
40
5060
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Environmental Specifications
Operating Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C, 1000 hours
-/+10% typical resistance change
Humidity Aging
+85°C, 85% R.H.,100 hours
-/+15% typical resistance change
Thermal Shock
MIL–STD–202, Method 107G
+85°C/-40°C 20 times
-30% typical resistance change
Solvent Resistance
MIL–STD–202, Method 215
No change
Vibration
MIL–STD–883C, Method 2007.1,
Condition A No change
Moisture Sensitivity Level
Level 1, J–STD–020C
Physical Specifications
Terminal Material
Solder-Plated Copper
(Solder Material: Matte Tin (Sn))
Lead Solderability
Meets EIA Specification RS186-9E,
ANSI/J-STD-002, Category 3.
Soldering Parameters
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (T
S(max) to TP)
3°C/second max
Pre Heat:
Temperature Min (T
s(min))
150°C
Temperature Max (T
s(max))
200°C
Time (Min to Max) (t
s)
60 – 180 secs
Time Maintained
Above:
Temperature (T
L)
217°C
Temperature (t
L)
60 – 150 seconds
Peak / Classification Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
-- All temperature refer to topside of the package, measured on the package body surface
-- If reflow temperature exceeds the recommended profile, devices may not meet the
performance requirements
-- Recommended reflow methods: IR, vapor phase oven, hot air oven, N
2
environment for lead
-- Recommended maximum paste thickness is 0.25mm (0.010 inch)
-- Devices can be cleaned using standard industry methods and solvents
-- Devices can be reworked using the standard industry practices


Similar Part No. - 1210L300SL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L350SL-SYR LITTELFUSE-1210L350SL-SYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
1210L350SL-SYR LITTELFUSE-1210L350SL-SYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
More results

Similar Description - 1210L300SL

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
1812L200THPR LITTELFUSE-1812L200THPR Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Mill-Max Mfg. Corp.
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
RFE international
RMF50R-4R7-J RFE-RMF50R-4R7-J Datasheet
70Kb / 1P
   SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
FSMD005-1210 RFE-FSMD005-1210 Datasheet
193Kb / 2P
   Surface Mount PPTC FSMD1210 Series
logo
Dielectric Laboratories...
L095XG9S DILABS-L095XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L254XF3S DILABS-L254XF3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
logo
M/A-COM Technology Solu...
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com