Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-1840BRH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS9-1840BRH
Description  Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-1840BRH Datasheet(HTML) 1 Page - Intersil Corporation

  HS9-1840BRH Datasheet HTML 1Page - Intersil Corporation HS9-1840BRH Datasheet HTML 2Page - Intersil Corporation HS9-1840BRH Datasheet HTML 3Page - Intersil Corporation HS9-1840BRH Datasheet HTML 4Page - Intersil Corporation HS9-1840BRH Datasheet HTML 5Page - Intersil Corporation HS9-1840BRH Datasheet HTML 6Page - Intersil Corporation HS9-1840BRH Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Rad-Hard 16 Channel BiCMOS Analog Multiplexer with
High-Z Analog Input Protection
HS-1840ARH, HS-1840AEH,
HS-1840BRH, HS-1840BEH
The HS-1840ARH, HS-1840AEH, HS-1840BRH and HS-1840BEH are
radiation hardened, monolithic 16 channel multiplexers constructed
with the Intersil Rad-Hard Silicon Gate, bonded wafer, Dielectric
Isolation process. They are designed to provide a high input impedance
to the analog source if device power fails (open), or the analog signal
voltage inadvertently exceeds the supply by up to
±35V, regardless of
whether the device is powered on or off. Excellent for use in redundant
applications, since the secondary device can be operated in a standby
unpowered mode affording no additional power drain. More
significantly, a very high impedance exists between the active and
inactive devices preventing any interaction. One of sixteen channel
selections is controlled by a 4-bit binary address plus an Enable-Inhibit
input which conveniently controls the ON/OFF operation of several
multiplexers in a system. All inputs have electrostatic discharge
protection. The HS-1840ARH, HS-1840AEH, HS-1840BRH and
HS-1840BEH are processed and screened in full compliance with
MIL-PRF-38535 and QML standards. The devices are available in a
28 Ld SBDIP and a 28 Ld Ceramic Flatpack.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are contained in
SMD 5962-95630. A “hot-link” is provided on our homepage for
downloading:
http://www.landandmaritime.dla.mil/Downloads/MilSpec/Smd/956
30.pdf
Features
• Electrically Screened to SMD # 5962-95630
• QML Qualified per MIL-PRF-38535 Requirements
• Pin-to-Pin for Intersil’s HS-1840RH and HS-1840/883S
• Improved Radiation Performance
-Gamma Dose (
γ) 3x105RAD(Si)
•Improved rDS(ON) Linearity
• Improved Access Time 1.5µs (Max) Over Temp and Post Rad
• High Analog Input Impedance 500M
Ω During Power Loss (Open)
±35V Input Overvoltage Protection (Power On or Off)
• Dielectrically Isolated Device Islands
• Excellent in Hi-Rel Redundant Systems
• Break-Before-Make Switching
•No Latch-Up
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2002, 2009-2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
April 6, 2012
FN4355.5


Similar Part No. - HS9-1840BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-1840BRH INTERSIL-HS9-1840BRH Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS9-1840BRH/PROTO INTERSIL-HS9-1840BRH/PROTO Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
More results

Similar Description - HS9-1840BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
   RAD-HARD 8 CHANNEL MULTIPLEXER
logo
NXP Semiconductors
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com