Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78840ASEHVF Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL78840ASEHVF
Description  Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASEHVF Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL78840ASEHVF Datasheet HTML 6Page - Intersil Corporation ISL78840ASEHVF Datasheet HTML 7Page - Intersil Corporation ISL78840ASEHVF Datasheet HTML 8Page - Intersil Corporation ISL78840ASEHVF Datasheet HTML 9Page - Intersil Corporation ISL78840ASEHVF Datasheet HTML 10Page - Intersil Corporation ISL78840ASEHVF Datasheet HTML 11Page - Intersil Corporation ISL78840ASEHVF Datasheet HTML 12Page - Intersil Corporation ISL78840ASEHVF Datasheet HTML 13Page - Intersil Corporation ISL78840ASEHVF Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL78840ASEH, ISL78841ASEH, ISL78843ASEH, ISL78845ASEH
10
FN7952.0
May 29, 2012
For a flyback converter, Vn can be solved in terms of input
voltage, current transducer components, and primary
inductance, yielding Equation 12:
where RCS is the current sense resistor, Tsw is the switching
period, Lp is the primary inductance, VIN is the minimum input
voltage, and D is the maximum duty cycle.
The current sense signal at the end of the ON time for CCM
operation is Equation 13:
where VCS is the voltage across the current sense resistor, Ls is
the secondary winding inductance, and IO is the output current at
current limit. Equation 13 assumes the voltage drop across the
output rectifier is negligible.
Since the peak current limit threshold is 1.00V, the total current
feedback signal plus the external ramp voltage must sum to this
value when the output load is at the current limit threshold as:
shown in Equation 14.
Substituting Equations 12 and 13 into Equation 14 and solving
for RCS yields Equation 15:
Adding slope compensation is accomplished in the
ISL7884xASEH using an external buffer transistor and the RTCT
signal. A typical application sums the buffered RTCT signal with
the current sense feedback and applies the result to the CS pin
as shown in Figure 6.
Assuming the designer has selected values for the RC filter (R6
and C4) placed on the CS pin, the value of R9 required to add the
appropriate external ramp can be found by superposition.
The factor of 2.05 in Equation 16 arises from the peak amplitude
of the sawtooth waveform on RTCT minus a base-emitter junction
drop. That voltage multiplied by the maximum duty cycle is the
voltage source for the slope compensation. Rearranging to solve
for R9 yields Equation 17:
The value of RCS determined in Equation 15 must be rescaled so
that the current sense signal presented at the CS pin is that
predicted by Equation 13. The divider created by R6 and R9
makes this necessary.
Example:
VIN = 12V
VO = 48V
Ls = 800µH
Ns/Np = 10
Lp = 8.0µH
IO = 200mA
Switching Frequency, fsw = 200kHz
Duty Cycle, D = 28.6%
R6 = 499Ω
Solve for the current sense resistor, RCS, using Equation 15.
RCS = 295mΩ
Determine the amount of voltage, Ve, that must be added to the
current feedback signal using Equation 12.
Ve = 92.4mV
Using Equation 17, solve for the summing resistor, R9, from CT to
CS.
R9 = 2.67kΩ
Determine the new value of RCS (R’CS) using Equation 18.
R’CS = 350mΩ
Additional slope compensation may be considered for design
margin. The above discussion determines the minimum external
ramp that is required. The buffer transistor used to create the
external ramp from RTCT should have a sufficiently high gain
(>200) so as to minimize the required base current. Whatever
base current is required reduces the charging current into RTCT
and will reduce the oscillator frequency.
V
e
DT
SW VIN RCS
⋅⋅
L
p
----------------------------------------------------
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
-------------
1
⎝⎠
⎛⎞
=
V
(EQ. 12)
V
CS
N
S RCS
N
P
------------------------ I
O
1D
() V
O T
⋅⋅
sw
2L
s
----------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
=
V
(EQ. 13)
V
e
V
CS
+
1V
=
(EQ. 14)
R
CS
1
DT
sw VIN
⋅⋅
L
p
---------------------------------
1
π
---
0.5
+
1D
------------------ 1
⎝⎠
⎜⎟
⎜⎟
⎛⎞
N
s
N
p
-------
I
O
1D
() V
O Tsw
⋅⋅
2L
s
----------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
+
---------------------------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 15)
CS
RTCT
R6
C4
R9
VREF
FIGURE 6. SLOPE COMPENSATION
V
e
2.05D R
6
R
6
R
9
+
----------------------------
=
V
(EQ. 16)
R
9
2.05D
V
e
() R
6
V
e
----------------------------------------------
=
Ω
(EQ. 17)
R
CS
R
6
R
9
+
R
9
--------------------- R
CS
=
(EQ. 18)


Similar Part No. - ISL78840ASEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78840ASEHVF INTERSIL-ISL78840ASEHVF Datasheet
890Kb / 18P
   Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 25, 2020 Rev.4.00
More results

Similar Description - ISL78840ASEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78840ASXH INTERSIL-ISL78840ASXH Datasheet
890Kb / 18P
   Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 25, 2020 Rev.4.00
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
   Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
ISL8840AABZ INTERSIL-ISL8840AABZ Datasheet
309Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
logo
Renesas Technology Corp
ISL8840A RENESAS-ISL8840A Datasheet
716Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
ISL8840AMBEPZ INTERSIL-ISL8840AMBEPZ Datasheet
231Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
305Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com