Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78841ASEHVF Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL78841ASEHVF
Description  Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78841ASEHVF Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL78841ASEHVF Datasheet HTML 2Page - Intersil Corporation ISL78841ASEHVF Datasheet HTML 3Page - Intersil Corporation ISL78841ASEHVF Datasheet HTML 4Page - Intersil Corporation ISL78841ASEHVF Datasheet HTML 5Page - Intersil Corporation ISL78841ASEHVF Datasheet HTML 6Page - Intersil Corporation ISL78841ASEHVF Datasheet HTML 7Page - Intersil Corporation ISL78841ASEHVF Datasheet HTML 8Page - Intersil Corporation ISL78841ASEHVF Datasheet HTML 9Page - Intersil Corporation ISL78841ASEHVF Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ISL78840ASEH, ISL78841ASEH, ISL78843ASEH, ISL78845ASEH
6
FN7952.0
May 29, 2012
Absolute Maximum Ratings
Thermal Information
Supply Voltage VDD Without Beam . . . . . . . . . . . . . . .GND -0.3V to +30.0V
Supply Voltage VDD Under Beam . . . . . . . . . . . . . . . . .GND -0.3V to +14.7V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VDD + 0.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Recommended Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage (Typical Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . 9V to 13.2V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld Flatpack Package (Notes 3, 4)
140
15
8 Ld SBDIP Package (Notes 3, 4)
98
15
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Radiation Information
Maximum Total Dose
Dose Rate = 50 - 100radSi/s . . . . . . . . . . . . . . . . . . . . . . . 100 krads (Si)
Dose Rate = 0.01rad(Si)/s (Note 6). . . . . . . . . . . . . . . . . . . . . 100 krad (Si)
SEB (No Burnout) (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . 80Mev/mg/cm2
SEL (No latchup) (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . 80Mev/mg/cm2
SET (Regulated VOUT within ±3%) (Note 9) . . . . . . . . . . . . 40Mev/mg/cm2
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
θJC, the "case temp" location is the center of the ceramic on the package underside.
5. All voltages are with respect to GND.
6. Product capability established by initial characterization. The “EH” version is acceptance tested on a wafer by wafer basis to 50 krad(Si) at low dose
rate.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic on page 3 and page 4. VDD = 13.2V, RT = 10kΩ, CT = 3.3nF, TA = -55 to +125°C. Typical values are at TA = +25°C. Boldface limits apply over
the operating temperature range, -55 to +125°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold
ISL78840A, ISL78841A
6.5
7.0
7.5
V
ISL78843A, ISL78845A
8.0
8.4
9.0
V
STOP Threshold
ISL78840A, ISL78841A
6.1
6.6
6.9
V
ISL78843A, ISL78845A
7.3
7.6
8.0
V
Hysteresis
ISL78840A, ISL78841A
-
0.4
-
V
ISL78843A, ISL78845A
-
0.8
-
V
Start-up Current, IDD
VDD < START Threshold
-
90
125
µA
VDD < START Threshold, 100krad
-
300
500
µA
Operating Current, IDD
(Note 7)
-
2.9
4.0
mA
Operating Supply Current, ID
Includes 1nF GATE loading
-
4.75
5.5
mA
REFERENCE VOLTAGE
Overall Accuracy
Over line (VDD = 9V to 13.2V), load of
1mA and 10mA, temperature
4.925
5.000
5.050
V
Long Term Stability
TA = +125°C, 1000 hours (Note 8)
-
5
-
mV
Current Limit, Sourcing
-20
-
-
mA
Current Limit, Sinking
5
-
-
mA
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
µA
Input Signal, Maximum
0.97
1.00
1.03
V


Similar Part No. - ISL78841ASEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78841ASEHVF INTERSIL-ISL78841ASEHVF Datasheet
890Kb / 18P
   Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 25, 2020 Rev.4.00
More results

Similar Description - ISL78841ASEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78840ASXH INTERSIL-ISL78840ASXH Datasheet
890Kb / 18P
   Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 25, 2020 Rev.4.00
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
   Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
ISL8840AABZ INTERSIL-ISL8840AABZ Datasheet
309Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
logo
Renesas Technology Corp
ISL8840A RENESAS-ISL8840A Datasheet
716Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
ISL8840AMBEPZ INTERSIL-ISL8840AMBEPZ Datasheet
231Kb / 10P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
   High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
305Kb / 12P
   Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
   Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com