Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-4F-08 Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # SPC-4F-08
Description  4.25Gb/s Fibre Channel CWDM SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-4F-08 Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button SPC-4F-08 Datasheet HTML 3Page - Source Photonics, Inc. SPC-4F-08 Datasheet HTML 4Page - Source Photonics, Inc. SPC-4F-08 Datasheet HTML 5Page - Source Photonics, Inc. SPC-4F-08 Datasheet HTML 6Page - Source Photonics, Inc. SPC-4F-08 Datasheet HTML 7Page - Source Photonics, Inc. SPC-4F-08 Datasheet HTML 8Page - Source Photonics, Inc. SPC-4F-08 Datasheet HTML 9Page - Source Photonics, Inc. SPC-4F-08 Datasheet HTML 10Page - Source Photonics, Inc. SPC-4F-08 Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
-
-
10
P/N: SPC-4F-08
4.25Gb/s Fibre Channel CWDM SFP Transceiver
DS-5756
Rev 0.0
2009-09-16
Order Information
Table 11 –
Order Information
Part Numbering Definition:
SPC -
4F - 08 - xx Temperature Diagnostic Revision
● SPC = Small Form Pluggable CWDM
● 4F = 4x Fibre Channel
● 08 = 80km Reach
● xx = CWDM Wavelength (1271nm~1611nm)
Please refer to Table 9
● Operating Temperature
C = Commercial Temperature (-5 to 70℃)
● Diagnostic
D = Digital Diagnostic (SFF-8472)
N = No Digital Diagnostic
● Design Revision
A = RoHS Compliant
Part No.
SPC-4F-08-xxCDA
SPC-4F-08-xxCNA


Similar Part No. - SPC-4F-08

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-4F-08-28-A SOURCE-SPC-4F-08-28-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-29-A SOURCE-SPC-4F-08-29-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-30-A SOURCE-SPC-4F-08-30-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-31-A SOURCE-SPC-4F-08-31-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-08-32-A SOURCE-SPC-4F-08-32-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
More results

Similar Description - SPC-4F-08

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-4F-08-28-A SOURCE-SPC-4F-08-28-A Datasheet
493Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-04-27CDA SOURCE-SPC-4F-04-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
SPC-4F-01-27CDA SOURCE-SPC-4F-01-27CDA Datasheet
526Kb / 8P
   4.25Gb/s Fibre Channel CWDM SFP Transceiver
logo
MRV Communications, Inc...
SFPFC4CW08 MRV-SFPFC4CW08 Datasheet
145Kb / 5P
   4.25 Gbps Fibre Channel CWDM SFP Transceiver
logo
Source Photonics, Inc.
SP-4F-01-CDA SOURCE-SP-4F-01-CDA Datasheet
503Kb / 7P
   4.25Gb/s 10km SFP Transceiver
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
   4.25Gb/s 40km SFP Transceiver
SP-4F-08-CDA SOURCE-SP-4F-08-CDA Datasheet
462Kb / 7P
   4.25Gb/s 80km SFP Transceiver
SP-4F-01 SOURCE-SP-4F-01 Datasheet
217Kb / 11P
   4.25Gb/s 10km SFP Transceiver
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-08-15-A SOURCE-SFPD-4F-08-15-A Datasheet
630Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com