Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1617MEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1617MEE
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1617MEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1617MEE_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 9Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 10Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 11Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 12Page - Maxim Integrated Products MAX1617MEE_12 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Remote/Local Temperature Sensor
with SMBus Serial Interface
MAX1617
Maxim Integrated
PCB Layout
1) Place the MAX1617 as close as practical to the
remote diode. In a noisy environment, such as a
computer motherboard, this distance can be 4 in. to
8 in. (typical) or more as long as the worst noise
sources (such as CRTs, clock generators, memory
buses, and ISA/PCI buses) are avoided.
2) Do not route the DXP–DXN lines next to the deflec-
tion coils of a CRT. Also, do not route the traces
across a fast memory bus, which can easily intro-
duce +30°C error, even with good filtering.
Otherwise, most noise sources are fairly benign.
3) Route the DXP and DXN traces in parallel and in
close proximity to each other, away from any high-
voltage traces such as +12VDC. Leakage currents
from PCB contamination must be dealt with careful-
ly, since a 20M
Ω leakage path from DXP to ground
causes about +1°C error.
4) Connect guard traces to GND on either side of the
DXP–DXN traces (Figure 2). With guard traces in
place, routing near high-voltage traces is no longer
an issue.
5) Route through as few vias and crossunders as possi-
ble to minimize copper/solder thermocouple effects.
6) When introducing a thermocouple, make sure that
both the DXP and the DXN paths have matching
thermocouples. In general, PCB-induced thermo-
couples are not a serious problem. A copper-solder
thermocouple exhibits 3µV/°C, and it takes about
200µV of voltage error at DXP–DXN to cause a
+1°C measurement error. So, most parasitic ther-
mocouple errors are swamped out.
7) Use wide traces. Narrow ones are more inductive
and tend to pick up radiated noise. The 10 mil
widths and spacings recommended in Figure 2
aren’t absolutely necessary (as they offer only a
minor improvement in leakage and noise), but try to
use them where practical.
8) Keep in mind that copper can’t be used as an EMI
shield, and only ferrous materials such as steel work
well. Placing a copper ground plane between the
DXP-DXN traces and traces carrying high-frequency
noise signals does not help reduce EMI.
PCB Layout Checklist
• Place the MAX1617 close to a remote diode.
• Keep traces away from high voltages (+12V bus).
• Keep traces away from fast data buses and CRTs.
• Use recommended trace widths and spacings.
• Place a ground plane under the traces.
• Use guard traces flanking DXP and DXN and con-
necting to GND.
• Place the noise filter and the 0.1µF VCC bypass
capacitors close to the MAX1617.
• Add a 200
Ω resistor in series with VCC for best
noise filtering (see Typical Operating Circuit).
Twisted Pair and Shielded Cables
For remote-sensor distances longer than 8 in., or in par-
ticularly noisy environments, a twisted pair is recom-
mended. Its practical length is 6 feet to 12 feet (typical)
before noise becomes a problem, as tested in a noisy
electronics laboratory. For longer distances, the best
solution is a shielded twisted pair like that used for audio
microphones. For example, Belden #8451 works well for
distances up to 100 feet in a noisy environment. Connect
the twisted pair to DXP and DXN and the shield to GND,
and leave the shield’s remote end unterminated.
Excess capacitance at DX_ limits practical remote sen-
sor distances (see Typical Operating Characteristics).
For very long cable runs, the cable’s parasitic capaci-
tance often provides noise filtering, so the 2200pF
capacitor can often be removed or reduced in value.
Cable resistance also affects remote-sensor accuracy;
1
Ω series resistance introduces about +1/2°C error.
Low-Power Standby Mode
Standby mode disables the ADC and reduces the sup-
ply-current drain to less than 10µA. Enter standby
mode by forcing the STBY pin low or via the RUN/STOP
bit in the configuration byte register. Hardware and
software standby modes behave almost identically: all
data is retained in memory, and the SMB interface is
alive and listening for reads and writes. The only differ-
ence is that in hardware standby mode, the one-shot
command does not initiate a conversion.
Standby mode is not a shutdown mode. With activity on
the SMBus, extra supply current is drawn (see Typical
Operating Characteristics). In software standby mode,
MINIMUM
10MILS
Figure 2. Recommended DXP/DXN PC Traces


Similar Part No. - MAX1617MEE_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617MEE++ MAXIM-MAX1617MEE+ Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results

Similar Description - MAX1617MEE_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G782 GMT-G782 Datasheet
44Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G781 GMT-G781 Datasheet
52Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com