Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2022ETX Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2022ETX
Description  High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2022ETX Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2022ETX_12 Datasheet HTML 3Page - Maxim Integrated Products MAX2022ETX_12 Datasheet HTML 4Page - Maxim Integrated Products MAX2022ETX_12 Datasheet HTML 5Page - Maxim Integrated Products MAX2022ETX_12 Datasheet HTML 6Page - Maxim Integrated Products MAX2022ETX_12 Datasheet HTML 7Page - Maxim Integrated Products MAX2022ETX_12 Datasheet HTML 8Page - Maxim Integrated Products MAX2022ETX_12 Datasheet HTML 9Page - Maxim Integrated Products MAX2022ETX_12 Datasheet HTML 10Page - Maxim Integrated Products MAX2022ETX_12 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MAX2022
High-Dynamic-Range, Direct Up/
Downconversion 1500MHz to 3000MHz
Quadrature Modulator/Demodulator
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics (continued)
(MAX2022 Typical Application Circuit,50ΩLOinput,R1=432Ω,R2=562Ω,R3=301Ω,VCC = 5V, PLO = 0dBm, fLO = 2140MHz,
VI = VQ=109mVP-P differential, fIQ=1MHz,I/Qdifferentialinputsdrivenfroma100ΩdifferentialDC-coupledsource,common-mode
input from 0V, TC = +25°C, unless otherwise noted.)
MODULATOR
BASEBAND DIFFERENTIAL INPUT
RESISTANCE vs. BASEBAND FREQUENCY
43.0
43.5
44.0
44.5
42.5
BASEBAND FREQUENCY (MHz)
60
40
80
20
0
100
fLO = 2GHz, VCC = 5.0V
PLO = -3dBm
PLO = +3dBm
PLO = 0dBm
BASEBAND DIFFERENTIAL INPUT
RESISTANCE vs. BASEBAND FREQUENCY
41.5
42.0
42.5
43.0
43.5
44.0
44.5
45.0
41.0
BASEBAND FREQUENCY (MHz)
60
40
80
20
0
100
fLO = 2GHz, PLO = 0dBm
VCC = 5.0V
VCC = 4.75V
VCC = 5.25V
IF FLATNESS
vs. BASEBAND FREQUENCY
BASEBAND FREQUENCY (MHz)
80
60
40
20
-23
-22
-21
-20
-19
-18
-17
-16
-15
-14
-24
0
100
fLO = 2140MHz, PBB = -12dBm/PORT INTO 50Ω
fLO - fIQ
fLO + fIQ
IF FLATNESS
vs. BASEBAND FREQUENCY
BASEBAND FREQUENCY (MHz)
80
60
40
20
-23
-22
-21
-20
-19
-18
-17
-16
-15
-14
-24
0
100
fLO = 1960MHz, PBB = -12dBm/PORT INTO 50Ω
fLO - fIQ
fLO + fIQ
OUTPUT NOISE vs. OUTPUT POWER
OUTPUT POWER (dBm)
5
0
-10
-5
-15
-20
-176
-172
-168
-164
-160
-156
-180
-25
10
PLO = 0dBm, fLO = 2140MHz
TC = -40°C
TC = +85°C
TC = +25°C
OUTPUT NOISE vs. OUTPUT POWER
OUTPUT POWER (dBm)
5
0
-10
-5
-15
-20
-175
-170
-165
-160
-155
-150
-180
-25
10
PLO = 0dBm, fLO = 1960MHz
TC = +85°C
TC = -40°C
TC = +25°C
10
20
30
40
50
60
0
IMAGE REJECTION vs. LO FREQUENCY
LO FREQUENCY (GHz)
2.3
2.1
1.9
1.7
1.5
2.5
fBB = 1MHz, VI = VQ = 112mVP-P
VCC = 4.75, 5.0V, 5.25V
10
20
30
40
50
60
0
IMAGE REJECTION vs. LO FREQUENCY
LO FREQUENCY (GHz)
2.3
2.1
1.9
1.7
1.5
2.5
fBB = 1MHz, VI = VQ = 112mVP-P
PLO = 0dBm
PLO = +3dBm
PLO = -3dBm
10
20
30
40
50
60
0
IMAGE REJECTION vs. LO FREQUENCY
LO FREQUENCY (GHz)
2.3
2.1
1.9
1.7
1.5
2.5
fBB = 1MHz, VI = VQ = 112mVP-P
TC = -40°C, +25°C, +85°C


Similar Part No. - MAX2022ETX_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2022ETX++ MAXIM-MAX2022ETX+ Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022ETX+T MAXIM-MAX2022ETX+T Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
More results

Similar Description - MAX2022ETX_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com