Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1685S-5 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1685S-5
Description  3V/5V Real-Time Clocks
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685S-5 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1685S-5_12 Datasheet HTML 1Page - Maxim Integrated Products DS1685S-5_12 Datasheet HTML 2Page - Maxim Integrated Products DS1685S-5_12 Datasheet HTML 3Page - Maxim Integrated Products DS1685S-5_12 Datasheet HTML 4Page - Maxim Integrated Products DS1685S-5_12 Datasheet HTML 5Page - Maxim Integrated Products DS1685S-5_12 Datasheet HTML 6Page - Maxim Integrated Products DS1685S-5_12 Datasheet HTML 7Page - Maxim Integrated Products DS1685S-5_12 Datasheet HTML 8Page - Maxim Integrated Products DS1685S-5_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
3 of 34
DETAILED DESCRIPTION
The DS1685/DS1687 are real-time clocks (RTC) designed as successors to the industry-standard DS1285,
DS1385, DS1485, and DS1585 PC RTCs. These devices provide the industry-standard DS1285 clock function with
either +3.0V or +5.0V operation. The DS1685 also incorporates a number of enhanced features including a silicon
serial number, power-on/off control circuitry, 242 bytes of user NV SRAM, and 32.768kHz output for sustaining
power management activities.
The DS1685/DS1687 power-control circuitry allows the system to be powered on by an external stimulus such as a
keyboard or by a time and date (wake-up) alarm. The PWR output pin can be triggered by one or either of these
events, and can be used to turn on an external power supply. The PWR pin is under software control, so that when
a task is complete, the system power can then be shut down.
The DS1685 is a clock/calendar chip with the features described above. An external crystal and battery are the
only components required to maintain time-of-day and memory status in the absence of power. The DS1687
incorporates the DS1685 chip, a 32.768kHz crystal, and a lithium battery in a complete, self-contained timekeeping
EDIP. The entire unit is fully tested at Maxim Integrated such that a minimum of 10 years of timekeeping and data
retention in the absence of VCC is guaranteed.
OPERATION
The block diagram in Figure 1 shows the pin connections with the major internal functions of the DS1685/DS1687.
The following paragraphs describe the function of each pin.


Similar Part No. - DS1685S-5_12

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1685S-5++ DALLAS-DS1685S-5+ Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685S-5++ MAXIM-DS1685S-5+ Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Dallas Semiconductor
DS1685S-5+TR DALLAS-DS1685S-5+TR Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685S-5+TR MAXIM-DS1685S-5+TR Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Dallas Semiconductor
DS1685S-5/TR DALLAS-DS1685S-5/TR Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
More results

Similar Description - DS1685S-5_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com