Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6009 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6009
Description  1μA SOT23 Precision ShuntVoltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6009 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6009_12 Datasheet HTML 1Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 2Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 3Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 4Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 5Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 6Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 7Page - Maxim Integrated Products MAX6009_12 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MAX6006–MAX6009
1µA SOT23 Precision Shunt
Voltage Reference
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS—MAX6007
(TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
ELECTRICAL CHARACTERISTICS—MAX6008
(TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6007A (0.2%)
2.0439
2.048
2.0521
Reverse Breakdown Voltage
VR
TA = +25
°C,
IR = 1.2µA
MAX6007B (0.5%)
2.0378
2.048
2.0582
V
Minimum Operating Current
IRMIN
VR change < 0.2% from VR at IR = 1.2µA
0.5
1.0
µA
IR = 1.2µA to 200µA
1.3
Reverse Breakdown Change
with Current
IR = 200µA to 2mA
2.3
mV
Reverse Dynamic Impedance
IR = 1.2µA to 2mA (Note 2)
1.8
Low-Frequency Noise
IR = 1.2µA, f = 0.1Hz to 10Hz
50
µVP-P
MAX6007A
30
Temperature Coefficient
(Note 3)
TC
IR = 1.2µA
MAX6007B
75
ppm/
°C
Long-Term Drift
1000h at TA = +25
°C
150
ppm
Thermal Hysteresis (Note 4)
200
ppm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6008A (0.2%)
2.4950
2.5000
2.5050
Reverse Breakdown Voltage
VR
TA = +25
°C,
IR = 1.2µA
MAX6008B (0.5%)
2.4875
2.5000
2.5125
V
Minimum Operating Current
IRMIN
VR change < 0.2% from VR at IR = 1.2µA
0.5
1.0
µA
IR = 1.2µA to 200µA
1.5
Reverse Breakdown Change with
Current
IR = 200µA to 2mA
2.5
mV
Reverse Dynamic Impedance
IR = 1.2µA to 2mA (Note 2)
2
Low-Frequency Noise
IR = 1.2µA, f = 0.1Hz to 10Hz
60
µVP-P
MAX6008A
30
Temperature Coefficient
(Note 3)
TC
IR = 1.2µA
MAX6008B
75
ppm/
°C
Long-Term Drift
1000h at TA = +25°C
150
ppm
Thermal Hysteresis (Note 4)
200
ppm


Similar Part No. - MAX6009_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6009A MAXIM-MAX6009A Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6009B MAXIM-MAX6009B Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results

Similar Description - MAX6009_12

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040_05 Datasheet
95Kb / 9P
   Precision Micropower 2.5V ShuntVoltage Reference
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com