Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13020 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13020
Description  ±60V Fault-Protected LIN Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13020 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13020_12 Datasheet HTML 6Page - Maxim Integrated Products MAX13020_12 Datasheet HTML 7Page - Maxim Integrated Products MAX13020_12 Datasheet HTML 8Page - Maxim Integrated Products MAX13020_12 Datasheet HTML 9Page - Maxim Integrated Products MAX13020_12 Datasheet HTML 10Page - Maxim Integrated Products MAX13020_12 Datasheet HTML 11Page - Maxim Integrated Products MAX13020_12 Datasheet HTML 12Page - Maxim Integrated Products MAX13020_12 Datasheet HTML 13Page - Maxim Integrated Products MAX13020_12 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MAX13020/MAX13021
±60V Fault-Protected LIN Transceivers
10
Maxim Integrated
Sleep Mode
Sleep mode is the lowest power operating mode and is
the default state after power is applied to BAT. In sleep
mode, the MAX13020/MAX13021 disable the LIN trans-
mitter and receiver to reduce power consumption. RXD
and INH are high impedance. The internal slave termi-
nation resistor between LIN and BAT is disabled, and
only a weak pullup from LIN to BAT is enabled. While in
sleep mode, the MAX13020/MAX13021 transition to
standby mode when a local or remote wake-up event is
detected. For applications with a continuously powered
microprocessor, drive NSLP logic-high for longer than
tGOTONORM to force the MAX13020/MAX13021 directly
into normal slope mode if TXD is logic-high, and low
slope mode if TXD is logic-low. From normal slope or
low slope mode, drive NSLP logic-low for longer than
tGOTOSLEEP to force the MAX13020/MAX13021 into
sleep mode.
Standby Mode
In standby mode, the LIN transmitter and receiver are
disabled, the internal slave termination resistor between
LIN and BAT is enabled, and the INH output is pulled
high. The MAX13020/MAX13021 transition to standby
mode from sleep mode when a wake-up event is
detected. From standby mode, drive TXD logic-high or
logic-low, then drive NSLP logic-high for longer than
tGOTONORM to transition to normal slope or low slope
mode. In standby mode, RXD is driven logic-low to
transmit the wake-up interrupt flag to a microcontroller.
The wake-up source flag is presented on TXD as a
strong pulldown in the case of a local wake-up. In the
case of a remote wake-up, TXD is pulled low by the
internal 330k
Ω resistor only. The wake-up interrupt and
wake-up source flag are cleared when the
MAX13020/MAX13021 transition to normal slope mode
or low slope mode.
Normal Slope Mode
In normal slope mode, the MAX13020/MAX13021 pro-
vide the physical layer interface to a LIN bus through
RXD and TXD. INH is pulled high and the internal slave
termination resistance from LIN to BAT is enabled. Data
presented on TXD is transmitted on the LIN bus with a
controlled slew rate to limit EME. Drive TXD logic-low to
assert a dominant state on LIN. The LIN bus state is
presented on the open-drain output RXD. A dominant
LIN state produces a logic-low on RXD. From standby
or sleep mode, drive TXD logic-high, then drive NSLP
logic-high for longer than tGOTONORM to enter normal
slope mode. Drive NSLP logic-low for longer than
tGOTOSLEEP to force the device into sleep mode from
normal slope mode.
NORMAL SLOPE MODE
FAULT MODE
LOW SLOPE MODE
SLEEP MODE
t(NSLP = 1 AFTER 0 TO 1)
> tGOTONORM
TXD = 1
t(LIN = DOMINANT)
> tLIN(DOM)(DET)
t(NSLP = 0 AFTER 1 TO 0)
> tGOTOSLEEP
t(NSLP = 0 AFTER 1 TO 0)
> tGOTOSLEEP
t(NSLP = 1 AFTER 0 TO 1)
> tGOTONORM
TXD = 0
INITIAL
POWER-ON STATE
STANDBY MODE
t(NSLP = 1 AFTER 0 TO 1)
> tGOTONORM
TXD = 1
t(NSLP = 1 AFTER 0 TO 1)
> tGOTONORM
TXD = 0
(tNWAKE = 0 AFTER 1 TO 0) > tNWAKE
OR
t(LIN = 0 AFTER 1 TO 0) >tBUS
t(LIN = RECESSIVE)
> tLIN(DOM)(REC)
DISABLE MODE
t(NWAKE = 0 AFTER 1 TO 0)
> tNWAKE
t(NSLP = 0 AFTER 1 TO 0)
> tGOTOSLEEP
t(NSLP = 1 AFTER 0 TO 1)
> tGOTONORM
t(LIN = DOMINANT)
> tLIN(DOM)(DET)
t(LIN = RECESSIVE)
> tLIN(DOM)(REC)
Figure 2. MAX13021 Operating Modes


Similar Part No. - MAX13020_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13020ASA++ MAXIM-MAX13020ASA+ Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
More results

Similar Description - MAX13020_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020 Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com