Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63816-0700 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63816-0700
Description  Application Tooling Specification Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

63816-0700 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63816-0700 Datasheet HTML 1Page - Molex Electronics Ltd. 63816-0700 Datasheet HTML 2Page - Molex Electronics Ltd. 63816-0700 Datasheet HTML 3Page - Molex Electronics Ltd. 63816-0700 Datasheet HTML 4Page - Molex Electronics Ltd. 63816-0700 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Hand Crimp Tool for VersaBlade™ Industry standard .070" Terminals
Doc No: ATS-6381968HM
Release Date: 7-23-10
UNCONTROLLED COPY
Page 1 of 5
Revision: A
Revision Date: 7-23-10
INSULATION
CRIMP
BRUSH
STRIP
LENGTH
BELL MOUTH
COND.CRIMP
HEIGHT
BEND
DOWN
BEND UP
RO
CONDUCTOR
CRIMP
TWISTING
CUT-OFF TAB
SEAM
TYPE 4A
Modular Crimp Head
Order No. 63819-6870
Application Tooling
Specification Sheet
Hand Crimp Tool
Order No. 63819-6800
FEATURES
%
A full cycle ratcheting hand tool ensures complete crimps
%
Ergonomically designed soft handles
%
Precisely designed crimping profiles with simple contact positioning
%
Easy handling due to outstanding force ratio
%
Modular Crimp Head is removable and can be use in the Air Powered Tool Order No.63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700).
%
Can also be used in the Battery Powered Tool Order No.63816-0200 (110 V) or 63816-0250 (220 V)
accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600).
SCOPE
Products: VersaBlade™ Industry standard .070" tab terminals, 20 – 22 AWG
Insulation Diameter
Wire Size
IPC/WHMA-A620
Terminal
Maximum
Strip Length
Terminal
Series No.
Terminal
Order No.
AWG
mm²
mm
In.
mm
In.
mm
In.
35745
35745-0110
20-22 0.50-0.35 2.36-2.60 .093-.102
2.60
.102
4.00-4.80 .157-.189
35746
35746-0110 35746-0111 20-22 0.50-0.35 2.36-2.60 .093-.102
2.60
.102
4.00-4.80 .157-.189
35747
35747-0110
20-22 0.50-0.35 2.36-2.60 .093-.102
2.60
.102
4.00-4.80 .157-.189
35748
35748-0110 35748-0111 20-22 0.50-0.35 2.36-2.60 .093-.102
2.60
.102
4.00-4.80 .157-.189
To achieve optimum IPC-A620 insulation crimps, use this insulation OD range.
Overall insulation OD specification for terminal.
DEFINITION OF TERMS
This illustration is a generic terminal representation and not an exact image of any terminal listed in the scope.


Similar Part No. - 63816-0700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63816-0700 MOLEX11-63816-0700 Datasheet
683Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
More results

Similar Description - 63816-0700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638232500 MOLEX11-0638232500 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235575 MOLEX11-0638235575 Datasheet
656Kb / 9P
   Application Tooling Specification Sheet
0638238075 MOLEX11-0638238075 Datasheet
467Kb / 6P
   Application Tooling Specification Sheet
0638239875 MOLEX11-0638239875 Datasheet
583Kb / 7P
   Application Tooling Specification Sheet
0638132400 MOLEX11-0638132400 Datasheet
285Kb / 2P
   Application Tooling Specification Sheet
0638232770 MOLEX11-0638232770 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235175 MOLEX11-0638235175 Datasheet
548Kb / 7P
   Application Tooling Specification Sheet
0638238375 MOLEX11-0638238375 Datasheet
363Kb / 6P
   Application Tooling Specification Sheet
0638239975 MOLEX11-0638239975 Datasheet
702Kb / 7P
   Application Tooling Specification Sheet
0638240100 MOLEX11-0638240100 Datasheet
411Kb / 2P
   Application Tooling Specification Sheet
0638113770 MOLEX11-0638113770 Datasheet
189Kb / 4P
   Application Tooling Specification Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com