Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16005 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16005_12 Datasheet HTML 1Page - Maxim Integrated Products MAX16005_12 Datasheet HTML 2Page - Maxim Integrated Products MAX16005_12 Datasheet HTML 3Page - Maxim Integrated Products MAX16005_12 Datasheet HTML 4Page - Maxim Integrated Products MAX16005_12 Datasheet HTML 5Page - Maxim Integrated Products MAX16005_12 Datasheet HTML 6Page - Maxim Integrated Products MAX16005_12 Datasheet HTML 7Page - Maxim Integrated Products MAX16005_12 Datasheet HTML 8Page - Maxim Integrated Products MAX16005_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
30
35
40
45
50
55
60
WDI, MARGIN, AND MR UNCONNECTED
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
30
35
40
45
50
55
60
WDI, MARGIN, AND MR UNCONNECTED
VCC = 2.5V
VCC = 3.3V
VCC = 5V
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
0.993
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
0.993
0.995
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
0.993
0.995
0.998
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
0.993
0.995
0.998
1.000
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
0.993
0.995
0.998
1.000
1.003
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
0.993
0.995
0.998
1.000
1.003
1.005
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
0.993
0.995
0.998
1.000
1.003
1.005
1.008
NORMALIZED THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.990
0.993
0.995
0.998
1.000
1.003
1.005
1.008
1.010
NORMALIZED THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
0.995
0.996
0.997
0.998
0.999
1.000
1.001
OUTPUT VOLTAGE vs. SINK CURRENT
SINK CURRENT (mA)
012345678
0
25
50
75
100
OUT_ LOW
OUTPUT VOLTAGE vs. SOURCE CURRENT
SOURCE CURRENT (
µA)
0
5
10
15
20
25
30
0
200
400
600
800
1000
OUT_ HIGH
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
190
191
192
193
194
195
196
197
198
1
10
100
1000
MAXIMUM TRANSIENT DURATION
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
600
0
100
200
300
400
500
OUTPUT GOES LOW
ABOVE THIS LINE
RESET TIMEOUT DELAY
MAX16000 toc09
OUT1
2V/div
IN1
5V/div
40ms/div
RESET
2V/div
SRT = VCC
MAX16000–MAX16007
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
5
Maxim Integrated


Similar Part No. - MAX16005_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16005_TE++ MAXIM-MAX16005_TE+ Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX16005_UE++ MAXIM-MAX16005_UE+ Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
More results

Similar Description - MAX16005_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX16134 MAXIM-MAX16134 Datasheet
661Kb / 23P
   Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com