Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19792 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX19792
Description  500MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19792 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX19792 Datasheet HTML 1Page - Maxim Integrated Products MAX19792 Datasheet HTML 2Page - Maxim Integrated Products MAX19792 Datasheet HTML 3Page - Maxim Integrated Products MAX19792 Datasheet HTML 4Page - Maxim Integrated Products MAX19792 Datasheet HTML 5Page - Maxim Integrated Products MAX19792 Datasheet HTML 6Page - Maxim Integrated Products MAX19792 Datasheet HTML 7Page - Maxim Integrated Products MAX19792 Datasheet HTML 8Page - Maxim Integrated Products MAX19792 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Maxim Integrated
MAX19792
500MHz to 4000MHz Dual Analog Voltage Variable
Attenuator with On-Chip 10-Bit SPI-Controlled DAC
VCC.......................................................................-0.3V to +5.5V
REF_IN..............................-0.3V to Minimum (VCC + 0.3V, 3.6V)
REF_SEL, DAC_LOGIC, MODE, DWN, UP,
DIN, CLK, CS............... -0.3V to Minimum (VCC + 0.3V, 3.6V)
COMP_OUT, DOUT..............................................-0.3V to +3.6V
IN_A, OUT_A, IN_B, OUT_B .......................-0.3V to VCC + 0.3V
CTRL (except for test mode).......................-0.3V to VCC + 0.3V
Maximum CTRL Pin Load Current
(CTRL configured as an output)....................................0.3mA
RF Input Power at IN_A, IN_B, OUT_A, OUT_B ........... +20dBm
Continuous Power Dissipation (Note 1) ..............................2.8W
Operating Case Temperature Range (Note 2)…-40NC to +100NC
Maximum Junction Temperature.....................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Note 3: Junction temperature TJ = TA + (BJA x VCC x ICC). This formula can be used when the ambient temperature of the PCB is
known. The junction temperature must not exceed +150NC.
Note 4: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
Note 1: Based on junction temperature TJ = TC + (BJC x VCC x ICC). This formula can be used when the temperature of the
exposed pad is known while the device is soldered down to a PCB. See the Applications Information section for details.
The junction temperature must not exceed +150NC.
Note 2: TC is the temperature on the exposed pad of the package. TA is the ambient temperature of the device and PCB.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
TQFN
Junction-to-Ambient Thermal Resistance (
qJA)
(Notes 3, 4)............................................................... +36NC/W
Junction-to-Case Thermal Resistance (
qJC)
(Notes 1, 4)............................................................... +10NC/W
PACKAGE THERMAL CHARACTERISTICS
3.3V DC ELECTRICAL CHARACTERISTICS
(VCC = 3.15V to 3.45V, VCTRL = 1V, VDAC_LOGIC = 0V, RDBK_EN(D9, REG3) = logic 0, no RF signals applied, all input and output
ports terminated with 50I through DC blocks, TC = -40NC to +100NC, unless otherwise noted. Typical values are at VCC = 3.3V,
VCTRL = 1V, VDAC_LOGIC = 0V, RDBK_EN(D9, REG3) = logic 0, TC = +25NC, unless otherwise noted.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.15
3.3
3.45
V
Supply Current
ICC
9.5
14
mA
Control Voltage Range
VCTRL
1
2.5
V
CTRL Input Resistance
RCTRL
1.0
MI
Input Current Logic-High
IIH
-1
+1
µA
Input Current Logic-Low
IIL
-1
+1
µA
REF_IN Voltage
1.4
V
REF_IN Input Resistance
1.0
MI
DAC Number of Bits
Monotonic
10
Bits
Input Voltage Logic-High
VIH
2
V
Input Voltage Logic-Low
VIL
0.8
V
COMP_OUT Logic-High
RDBK_EN(D9, REG3) = logic 1,
RLOAD = 47kI
3.3
V
COMP_OUT Logic-Low
RDBK_EN(D9, REG3) = logic 1,
RLOAD = 47kI
0
V


Similar Part No. - MAX19792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19792 MAXIM-MAX19792 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
More results

Similar Description - MAX19792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 10/12
MAX19794 MAXIM-MAX19794 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
MAX19793 MAXIM-MAX19793 Datasheet
3Mb / 23P
   1500MHz to 6000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 0; 9/12
MAX19790 MAXIM-MAX19790 Datasheet
2Mb / 11P
   250MHz to 4000MHz Dual, Analog Voltage Variable Attenuator
Rev 0; 3/10
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
logo
Microchip Technology
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com