Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19793 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX19793
Description  1500MHz to 6000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19793 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX19793 Datasheet HTML 2Page - Maxim Integrated Products MAX19793 Datasheet HTML 3Page - Maxim Integrated Products MAX19793 Datasheet HTML 4Page - Maxim Integrated Products MAX19793 Datasheet HTML 5Page - Maxim Integrated Products MAX19793 Datasheet HTML 6Page - Maxim Integrated Products MAX19793 Datasheet HTML 7Page - Maxim Integrated Products MAX19793 Datasheet HTML 8Page - Maxim Integrated Products MAX19793 Datasheet HTML 9Page - Maxim Integrated Products MAX19793 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
Maxim Integrated
MAX19793
1500MHz to 6000MHz Dual Analog Voltage Variable
Attenuator with On-Chip 10-Bit SPI-Controlled DAC
5V AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit, one attenuator, VCC = 4.75V to 5.25V, RF ports are driven from 50I sources and loaded into 50I,
input PRF = 0dBm, fRF = 3500MHz, VCTRL = 1V to 4V, VDAC_LOGIC = 0V, RDBK_EN (D9, REG3) = logic 0, TC = -40NC to +100NC.
Typical values are for TC = +25NC, VCC = 5V, input PRF = 0dBm, fRF = 3500MHz, VCTRL = 1V, VDAC_LOGIC = 0V, RDBK_EN
(D9, REG3) = logic 0, unless otherwise noted.) (Notes 5, 7)
Note 5: Production tested at TC = +100NC. All other temperatures are guaranteed by design and characterization.
Note 6: Recommended functional range. Not production tested. Operation outside this range is possible, but with degraded
performance of some parameters.
Note 7: All limits include external component losses, connectors and PCB traces. Output measurements taken at the RF port of
the Typical Application Circuit.
Note 8: fRF1 = 3501MHz, fRF2 = 3500MHz, PRF = 0dBm/tone applied to attenuator input.
Note 9: Switching time measured from 50% of the CTRL signal to when the RF output settles to Q1dB (R3 = 0I).
Note 10: Switching time measured from when CS is asserted to when the RF output settles to Q1dB.
Note 11: Switching time measured from when MODE is asserted to when the RF output settles to Q1dB.
Note 12: Typical minimum time for proper SPI operation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CTRL Switching Time (Note 9)
13dB to 0dB range
350
ns
0dB to 13dB range
730
CS Switching Time (Note 10)
14dB to 0dB range
675
ns
0dB to 14dB range
2300
MODE Switching Time (Note 11)
15dB to 0dB range (MODE 1 to 0)
700
ns
0dB to 15dB range (MODE 0 to 1)
2650
Input Return Loss
19
dB
Output Return Loss
17
dB
Group Delay
Input/output 50I lines deembedded
200
ps
Group Delay Flatness Over
125MHz Band
Peak to peak
20
ps
Group Delay Change
VCTRL = 1V to 4V
-120
ps
Insertion Phase Change vs.
Attenuation Control
VCTRL = 1V to 4V
28
Degrees
S21 Attenuation Deviation from
a Straight Line
VCTRL = 1.4V to 3.1V
±0.4
dB
SERIAL PERIPHERAL INTERFACE (SPI)
Maximum Clock Speed
20
MHz
Data-to-Clock Setup Time
tCS
(Note 12)
2
ns
Data-to-Clock Hold Time
tCH
(Note 12)
2.5
ns
CS-to-CLK Setup Time
tEWS
(Note 12)
3
ns
CS Positive Pulse Width
tEW
(Note 12)
7
ns
Clock Pulse Width
tCW
(Note 12)
5
ns


Similar Part No. - MAX19793

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19793 MAXIM-MAX19793 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
More results

Similar Description - MAX19793

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19794 MAXIM-MAX19794 Datasheet
6Mb / 25P
   10MHz to 500MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 5/15
MAX19792 MAXIM-MAX19792 Datasheet
4Mb / 23P
   500MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 9/12
MAX19791 MAXIM-MAX19791 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
Rev 1; 10/12
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
   Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
logo
Maxim Integrated Produc...
MAX19790 MAXIM-MAX19790 Datasheet
2Mb / 11P
   250MHz to 4000MHz Dual, Analog Voltage Variable Attenuator
Rev 0; 3/10
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
logo
Microchip Technology
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
   50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
logo
Skyworks Solutions Inc.
SKY12239-11 SKYWORKS-SKY12239-11 Datasheet
1Mb / 10P
   High IIP3 10 MHz to 1.5 GHz Voltage-Controlled Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com