Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31911 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX31911
Description  Industrial, Octal, Digital Input Translator/Serializer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31911 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX31911_12 Datasheet HTML 1Page - Maxim Integrated Products MAX31911_12 Datasheet HTML 2Page - Maxim Integrated Products MAX31911_12 Datasheet HTML 3Page - Maxim Integrated Products MAX31911_12 Datasheet HTML 4Page - Maxim Integrated Products MAX31911_12 Datasheet HTML 5Page - Maxim Integrated Products MAX31911_12 Datasheet HTML 6Page - Maxim Integrated Products MAX31911_12 Datasheet HTML 7Page - Maxim Integrated Products MAX31911_12 Datasheet HTML 8Page - Maxim Integrated Products MAX31911_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MAX31911
Industrial, Octal, Digital Input
Translator/Serializer
General Description
The MAX31911 industrial interface serializer translates,
conditions, and serializes the 24V digital output of sen-
sors and switches used in industrial, process, and build-
ing automation to 5V CMOS-compatible signals required
by microcontrollers. It provides the front-end interface cir-
cuit of a programmable logic controller (PLC) digital input
module. The device features integrated current limiting,
lowpass filtering, and channel serialization. Input current
limiting allows a significant reduction in power consumed
from the field voltage supply as compared to traditional
discrete resistor-divider implementations. Selectable on-
chip lowpass filters allow flexible debouncing and filter-
ing of sensor outputs based on the application. On-chip
serialization allows a drastic reduction in the number of
optocouplers used for isolation. The device serializer is
stackable so that any number of input channels can be
serialized and output through only one SPI-compatible
port. This reduces the number of optocouplers needed
to only three, regardless of the number of input channels.
For enhanced robustness with respect to high-frequency
noise and fast electrical transients, a multibit CRC code
is generated and transmitted through the SPI port for
each 8 bits of data. The on-chip 5V voltage regulator can
be used to power external optocouplers, digital isolators,
or other external 5V circuitry.
For ultra-low-power applications, Maxim Integrated offers
a pin-compatible version of this device, the MAX31910.
The MAX31910 uses patent-pending circuit techniques to
achieve further reduction of power beyond what is pos-
sible by input current limiting alone.
The future generation version of the MAX31910 and
MAX31911 will include energy-less LED drivers while
maintaining pin compatibility.
Features
S
Eight High-Voltage Input Channels (36V max)
S
Configurable for IEC 61131-2 Input Types 1, 2, 3
S
Wide Operating Supply Range of 7V to 36V
S
Optional Configuration Allows 5V Supply
S
Selectable Input Filtering and Debouncing from
0ms to 3ms
S
Configurable Input Current Limiting from 0.5mA
to 6mA
S
High HBM ESD Immunity on All Field Input Pins
S
On-Chip 8-to-1 Serialization with SPI Interface
S
On-Chip 5V Regulator
S
Overtemperature Indicator
S
On-Chip 24V Field Supply Voltage Monitor
S
Low Quiescent Current and Power Dissipation
S
Multibit CRC Code Generation and
Transmission for Error Detection and More
Reliable Data Transmission to an External Micro
Applications
Digital Input Modules for PLCs
Industrial, Building, and Process Automation
Motor Control
Block Diagram
19-6441; Rev 1; 9/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer to www.maximintegrated.com/MAX31911.related.
EVALUATION KIT AVAILABLE
SOUT
CS
MODESEL
SIN
DB1
DB0
FAULTB
5VOUT
VCC24V
RIREF
GND
RT0
IN0
RT7
IN7
VREF
INPUT CHANNEL 0
VREF
SENSORS
24V
OR
CRC GEN.
µCONTROLLER
OR
ISOLATION
5V
5V REGULATOR
INPUT CHANNEL 7
SUPPLY
MONITOR
TEMP
MONITOR
CURRENT
LIMITER
LP
FILTER
CLK
VOLTAGE
COMPARATOR
SERIALIZER
MAX31911
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - MAX31911_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
More results

Similar Description - MAX31911_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31910 MAXIM-MAX31910_V01 Datasheet
888Kb / 19P
   Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com