Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC180A Datasheet(PDF) 7 Page - Littelfuse

Part # 1.5SMC180A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5SMC180A Datasheet(HTML) 7 Page - Littelfuse

Back Button 1.5SMC180A Datasheet HTML 3Page - Littelfuse 1.5SMC180A Datasheet HTML 4Page - Littelfuse 1.5SMC180A Datasheet HTML 5Page - Littelfuse 1.5SMC180A Datasheet HTML 6Page - Littelfuse 1.5SMC180A Datasheet HTML 7Page - Littelfuse 1.5SMC180A Datasheet HTML 8Page - Littelfuse 1.5SMC180A Datasheet HTML 9Page - Littelfuse 1.5SMC180A Datasheet HTML 10Page - Littelfuse 1.5SMC180A Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 146 page
background image
3
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Voltage Suppression Diodes
Electrostatic Discharge (ESD)
Electrostatic discharge is characterized by very fast
rise times and very high peak voltages and currents.
This energy is the result of an imbalance of positive and
negative charges between objects.
ESD that is generated by everyday activities can far surpass
the vulnerability threshold of standard semiconductor
technologies. Following are a few examples:
Walking across a carpet:
35kV @ RH = 20%;1.5kV @ RH = 65%
Walking across a vinyl floor:
12kV @ RH = 20%;250V @ RH = 65%
Worker at a bench:
6kV @ RH = 20%;100V @ RH = 65%
Vinyl envelopes:
7kV @ RH = 20%;600V @ RH = 65%
Poly bag picked up from desk:
20kV @ RH = 20%;1.2kV @ RH = 65%
Lightning Induced Transients
Even though a direct strike is clearly destructive, transients
induced by lightning are not the result of a direct strike.
When a lightning strike occurs, the event creates a
magnetic field which can induce transients of large
magnitude in nearby
electrical cables.
A cloud-to-cloud strike
will effect not only
overhead cables, but
also buried cables.
Even a strike 1 mile
distant (1.6km) can
generate 70 volts in
electrical cables.
In a cloud-to-ground
strike (as shown at
right) the transient-
generating effect is far
greater.
This diagram shows
a typical current
waveform for induced
lightning disturbances.
Inductive Load Switching
The switching of inductive loads generates high energy
transients which increase in magnitude with increasingly
heavy loads. When the inductive load is switched off, the
collapsing magnetic field is converted into electrical energy
which takes the form of a double exponential transient.
Depending on the source, these transients can be as large
as hundreds of volts and hundreds of Amps, with duration
times of 400 milliseconds.
Typical sources of inductive transients include:
Generator
Motor
Relay
Transformer
These examples are common in electrical and electronic
systems. Because the sizes of the loads vary according
to the application, the wave shape, duration, peak current
and peak voltage are all variables which exist in real world
transients. Once these variables can be approximated, a
suitable suppressor technology can be selected.
The diagram at right
shows a transient
which is the result of
stored energy within
the alternator of an
automobile charging
system.
A similar transient
can also be caused
by other DC motors
in a vehicle. For
example, DC motors power amenities such as power locks,
seats and windows. These various applications of a DC
motor can produce transients that are just as harmful to
the sensitive electronic components as transients created
in the external environment.
T
T1
VB
VS = 25V to 125V
VB=14V
T= 40ms to 400ms
VS
90%
10%
t
V
T1 = 5ms to 10ms
R = 0.5
to 4
100
90
50
10
O1
t
t1
t2
TIME
Transient Voltage Scenarios


Similar Part No. - 1.5SMC180A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5SMC180A SUNMATE-1.5SMC180A Datasheet
622Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
1.5SMC180A CENTRAL-1.5SMC180A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
1.5SMC180A VISHAY-1.5SMC180A Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
MDE Semiconductor, Inc.
1.5SMC180A MDE-1.5SMC180A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5SMC180A VISHAY-1.5SMC180A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC180A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com