Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R065 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT46R065
Description  Enhanced A/D Type 8-Bit OTP MCU
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT46R065_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R065_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R065_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R065_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R065_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R065_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R065_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R065_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R065_12 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................100mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.0
¾
5.5
V
fSYS=12MHz
4.5
¾
5.5
V
IDD1
Operating Current
(HXT, HIRC, ERC)
3V
No load, fSYS=4MHz
¾
0.8
1.2
mA
5V
¾
1.5
2.25
mA
IDD2
Operating Current
(HXT, HIRC, ERC)
3V
No load, fSYS=8MHz
¾
1.4
2.1
mA
5V
¾
2.8
4.2
mA
IDD3
Operating Current
(HXT, HIRC, ERC)
5V
No load, fSYS=12MHz
¾
46
mA
IDD4
Operating Current
(HIRC + LXT, Slow Mode)
3V
No load, fSYS=32768Hz
(LXT on OSC1/OSC2,
LVR disabled, LXTLP=1)
¾
510
mA
5V
¾
12
24
mA
3V
No load, fSYS=32768Hz
(LXT on XT1/XT2,
LVR disabled, LXTLP=1)
¾
510
mA
5V
¾
10
20
mA
ISTB1
Standby Current
(LIRC On, LXT Off)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(LIRC Off, LXT Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB3
Standby Current
(LIRC Off, LXT On, LXTLP=1)
3V
No load, system HALT
(LXT on OSC1/OSC2)
¾¾
5
mA
5V
¾¾
10
mA
3V
No load, system HALT
(LXT on XT1/XT2)
¾¾
3
mA
5V
¾¾
5
mA
VIL1
Input Low Voltage for I/O,
TCn and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O,
TCn and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR1
Low Voltage Reset 1
¾ VLVR = 4.2V
3.98
4.2
4.42
V
VLVR2
Low Voltage Reset 2
¾ VLVR = 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3
¾ VLVR = 2.1V
1.98
2.1
2.22
V
HT46R064/065/066/0662/067
Rev. 1.20
10
October 23, 2012


Similar Part No. - HT46R065_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R065B HOLTEK-HT46R065B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065B HOLTEK-HT46R065B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065D HOLTEK-HT46R065D Datasheet
777Kb / 114P
   Enhanced A/D Type MCU with High Current LED Driver
HT46R065G HOLTEK-HT46R065G Datasheet
787Kb / 136P
   Enhanced A/D Type 8-Bit OTP MCU with OPA
HT46R065V HOLTEK-HT46R065V Datasheet
465Kb / 72P
   24V VFD Type 8-Bit OTP MCU
More results

Similar Description - HT46R065_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
   Enhanced A/D 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com