Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R64 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT46R64
Description  A/D with LCD Type 8-Bit MCU
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R64 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT46R64_11 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R64_11 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R64_11 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R64_11 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R64_11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R64_11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R64_11 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R64_11 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R64_11 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
HT46R64/HT46C64
Rev. 1.90
7
April 13, 2011
Functional Description
Execution Flow
The system clock is derived from either a crystal or an
RC oscillator or a 32768Hz crystal oscillator. It is inter-
nally divided into four non-overlapping clocks. One in-
struction cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
The pipelining scheme makes it possible for each in-
struction to be effectively executed in a cycle. If an in-
struction changes the value of the program counter, two
cycles are required to complete the instruction.
Program Counter
- PC
The program counter (PC) is 12 bits wide and it controls
the sequence in which the instructions stored in the pro-
gram ROM are executed. The contents of the PC can
specify a maximum of 4096 addresses.
After accessing a program memory word to fetch an in-
struction code, the value of the PC is incremented by 1.
The PC then points to the memory word containing the
next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading a PCL register, a subroutine call, an ini-
tial reset, an internal interrupt, an external interrupt, or
returning from a subroutine, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get a proper instruction; oth-
erwise proceed to the next instruction.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow
Mode
Program Counter
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
0
0
0
0
0
0
0
0
0
0
0
0
External Interrupt 0
0
0
0
0
0
0
0
0
0
1
0
0
External Interrupt 1
0
0
0
0
0
0
0
0
1
0
0
0
Timer/Event Counter 0 Overflow
0
0
0
0
0
0
0
0
1
1
0
0
Timer/Event Counter 1 Overflow
0
0
0
0
0
0
0
1
0
0
0
0
Time Base Interrupt
0
0
0
0
0
0
0
1
0
1
0
0
RTC Interrupt
0
0
0
0
0
0
0
1
1
0
0
0
Skip
Program Counter+2
Loading PCL
*11
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return From Subroutine
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*11~*0: Program counter bits
S11~S0: Stack register bits
#11~#0: Instruction code bits
@7~@0: PCL bits


Similar Part No. - HT46R64_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64_14 Datasheet
1Mb / 51P
   52/100-pin LQFP
More results

Similar Description - HT46R64_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com