Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC530A Datasheet(PDF) 2 Page - Littelfuse

Part # 1.5SMC530A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5SMC530A Datasheet(HTML) 2 Page - Littelfuse

  1.5SMC530A Datasheet HTML 1Page - Littelfuse 1.5SMC530A Datasheet HTML 2Page - Littelfuse 1.5SMC530A Datasheet HTML 3Page - Littelfuse 1.5SMC530A Datasheet HTML 4Page - Littelfuse 1.5SMC530A Datasheet HTML 5Page - Littelfuse 1.5SMC530A Datasheet HTML 6Page - Littelfuse 1.5SMC530A Datasheet HTML 7Page - Littelfuse 1.5SMC530A Datasheet HTML 8Page - Littelfuse 1.5SMC530A Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 146 page
background image
1
Littelfuse Circuit Prot
Solutions Portf
OVERVOLTAGE SUPPRESSION TECHNOLOGIES (1-6)
2
4. Gas Plasma Arrestors
(GDTs) —Available in small
footprint leaded and surface
mount configurations,
Littelfuse GDTs respond
fast to transient overvoltage
events, reducing the risk of
equipment damage.
5. Silicon Protection
Arrays — Designed specifically
to protect analog and digital
signal lines from electrostatic
discharge (ESD) and other
overvoltage transients.
6. PulseGuard® ESD
Suppressors —Available in
various surface mount form
factors to protect high-speed
digital lines without causing
signal distortion.
1.TVS Diodes — Suppress
overvoltage transients such
as Electrical Fast Transients
(EFT), inductive load switching
and lightning in a wide
variety of applications in the
computer, industrial, telecom
and automotive markets.
2.Varistors—Multiple forms,
from Metal Oxide Varistors
(MOVs) that suppress transient
voltages to Multi-Layer Varistors
(MLVs) designed for applications
requiring protection from
various transients in computers
and handheld devices as well
as industrial and automotive
applications.
3. SIDACtor® Devices—
Complete line of protection
thyristor products specifically
designed to suppress
overvoltage transients in a
broad range of telecom and
datacom applications.
Live Application Design and Technical Support—Tap into our expertise. Littelfuse engi-
neers are available around the world to help you address design challenges and develop
unique, customized solutions for your products.
Product Sampling Programs—Most of our products are available as samples for testing and
verification within your circuit design. Visit Littelfuse.com or contact a Littelfuse product
representative for additional information.
Product Evaluation Labs and Services—Littelfuse global labs are the hub of our new
product development initiatives, and also provide design and compliance support testing
as an added-value to our customers.
DESIGN SUPPORT
Consumer Electronics Telecom White Goods Medical Equipment TVSS and Power S
Visit


Similar Part No. - 1.5SMC530A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5SMC530A LITTELFUSE-1.5SMC530A Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Alpha & Omega Semicondu...
1.5SMC530A AOSMD-1.5SMC530A Datasheet
707Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
logo
Weitron Technology
1.5SMC530A WEITRON-1.5SMC530A Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
1.5SMC530A MDE-1.5SMC530A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1.5SMC530A GOOD-ARK-1.5SMC530A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

Similar Description - 1.5SMC530A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com