Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RB50 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  A/D Type USB 8-Bit MCU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46RB50_12 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RB50_12 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB2
Standby Current (WDT Disabled)
3V
No load, system HALT,
USB suspended
¾¾
1
mA
5V
¾¾
2
mA
ISTB3
Standby Current (WDT Disabled)
5V
No load, system HALT,
USB transceiver and
3.3V regulator On
¾
150
200
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
VLVR
Low Voltage Reset Voltage
¾ Option 3.0V
2.7
3
3.3
V
VV33O
3.3V Regulator Output
5V
IV33O=
-5mA
3
3.3
3.6
V
EAD
A/D Conversion Error
¾¾
¾
±0.5
±1
LSB
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾ 2.2V~5.5V
400
¾
6000
kHz
¾ 3.3V~5.5V
400
¾
12000
kHz
fTIMER
Timer I/P Frequency (TMR0/TMR1)
¾ 2.2V~5.5V
0
¾
6000
kHz
¾ 3.3V~5.5V
0
¾
12000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
76
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
Note: *tSYS=1/fSYS
HT46RB50
Rev. 1.40
5
February 23, 2012


Similar Part No. - HT46RB50_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50_14 Datasheet
951Kb / 50P
   28-pin SOP/SKDIP竊?8-pin SSOP
More results

Similar Description - HT46RB50_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50_06 Datasheet
415Kb / 53P
   A/D Type USB 8-Bit MCU
HT46RB70 HOLTEK-HT46RB70 Datasheet
373Kb / 53P
   A/D Type USB 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com