Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R30A-1 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48R30A-1
Description  I/O Type 8-Bit MCU
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R30A-1 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48R30A-1_09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R30A-1_09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R30A-1_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R30A-1_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R30A-1_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R30A-1_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R30A-1_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R30A-1_09 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R30A-1_09 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
HT48R30A-1/HT48C30-1
Rev. 2.00
6
April 24, 2009
Functional Description
Execution Flow
The system clock for the microcontroller is derived from
either a crystal or an RC oscillator. The system clock is
internally divided into four non-overlapping clocks. One
instruction cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes an instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute in a cycle. If an instruction
changes the program counter, two cycles are required to
complete the instruction.
Program Counter
- PC
The program counter (PC) controls the sequence in
which the instructions stored in the program ROM are
executed and its contents specify a full range of pro-
gram memory.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by one. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL register, subroutine call or return
from subroutine, initial reset, internal interrupt, external
interrupt or return from interrupt, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get the proper instruction.
Otherwise proceed with the next instruction.
The lower byte of the program counter (PCL) is a read-
able and writeable register (06H). Moving data into the
PCL performs a short jump. The destination will be
within the current program ROM page.
When a control transfer takes place, an additional
dummy cycle is required.
Mode
Program Counter
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
00000000000
External Interrupt
00000000100
Timer/Event Counter Overflow
00000001000
Skip
Program Counter+2
Loading PCL
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note: *10~*0: Program counter bits
S10~S0: Stack register bits
#10~#0: Instruction code bits
@7~@0: PCL bits
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow


Similar Part No. - HT48R30A-1_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
710Kb / 43P
   8-Bit Microcontroller
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
More results

Similar Description - HT48R30A-1_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com