Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R063 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT48R063
Description  Enhanced I/O Type 8-Bit OTP MCU
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48R063_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R063_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R063_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R063_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R063_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R063_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R063_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R063_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R063_12 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
HT48R065, HT48R066
Pin Name
Function
OPT
I/T
O/T
Description
PA0/PFD
PA0
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS PFD output
PA1/PFD
PA1
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS Complementary PFD output
PA2/TC0
PA2
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC0
¾
ST
¾
External Timer 0 clock input
PA3/INT
PA3
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
¾
ST
¾
External interrupt input
PA4/TC1
PA4
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC1
¾
ST
¾
External Timer 1 clock input - HT48R065 doesn
¢t have TC1
PA5/OSC2
PA5
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC2
CO
¾
OSC
Oscillator pin
PA6/OSC1
PA6
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC1
CO
OSC
¾
Oscillator pin
PA7/RES
PA7
PAWK
ST
NMOS General purpose I/O. Register enabled wake-up.
RES
CO
ST
¾
Reset input
PB0/SCOM0
PB0
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
SCOM0
SCOMC
¾
SCOM Software controlled 1/2 bias LCD COM
PB1/SCOM1
PB1
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
SCOM1
SCOMC
¾
SCOM Software controlled 1/2 bias LCD COM
PB2/SCOM2
PB2
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
SCOM2
SCOMC
¾
SCOM Software controlled 1/2 bias LCD COM
PB3/SCOM3
PB3
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
SCOM3
SCOMC
¾
SCOM Software controlled 1/2 bias LCD COM
PB4, PB5
PBn
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PC0~PC7
PCn
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PD0~PD3
PDn
PDPU
ST
CMOS General purpose I/O. Register enabled pull-up.
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
I/T: Input type; O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option
ST: Schmitt Trigger input; CMOS: CMOS output
SCOM: Software controlled LCD COM
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
HT48R063/064/065/066/0662/067
Rev. 1.40
7
October 23, 2012


Similar Part No. - HT48R063_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
More results

Similar Description - HT48R063_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
   Enhanced I/O 8-Bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com