Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48RA0-5 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48RA0-5
Description  Remote Type 8-Bit OTP MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA0-5 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48RA0-5_12 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA0-5_12 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA0-5_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA0-5_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA0-5_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA0-5_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA0-5_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA0-5_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA0-5_12 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Characteristics Curves
HT48RA0-5
Rev.1.50
5
August 13, 2012
2 5 0
2 6 0
2 7 0
2 8 0
2 9 0
3 0 0
3 1 0
3 5 0
3 . 6
3 . 4
3 . 2
2 . 8
2 . 6
2 . 2
2 . 0
V D D ( V )
4 0 0 0
4 0 2 0
4 0 4 0
4 0 6 0
4 0 8 0
4 1 0 0
4 1 2 0
4 1 4 0
4 1 6 0
4 1 8 0
4 2 0 0
3 . 6
3 . 4
3 . 2
2 . 6
2 . 4
2 . 2
1 . 8
V D D ( V )
H I R C C u r v e
I R D r i v e r C u r v e
2 5 ° C
4 0 9 5 k H z - 2 %
3 . 0
2 . 8
2 . 0
3 . 0
2 . 4
1 . 8
3 2 0
3 3 0
3 4 0
- 2 0 ° C
2 5 ° C
4 0 9 5 k H z + 2 %
5 0 ° C
3 5 ° C


Similar Part No. - HT48RA0-5_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
More results

Similar Description - HT48RA0-5_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com