Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49R30A-1 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT49R30A-1
Description  LCD Type 8-Bit MCU
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R30A-1 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT49R30A-1_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49R30A-1_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R30A-1_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R30A-1_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R30A-1_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49R30A-1_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49R30A-1_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49R30A-1_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49R30A-1_12 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
HT49R30A-1/HT49C30-1/HT49C30L
Rev. 2.10
11
July 30, 2012
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
The status register (0AH) is of 8 bits wide and contains,
a carry flag (C), an auxiliary carry flag (AC), a zero flag
(Z), an overflow flag (OV), a power down flag (PDF), and
a watchdog time-out flag (TO). It also records the status
information and controls the operation sequence.
Except the TO and PDF flags, bits in the status regis-
ter can be altered by instructions similar to other regis-
ters. Data written into the status register does not alter
the TO or PDF flags. Operations related to the status
register, however, may yield different results from those
intended. The TO and PDF flags can only be changed
by a Watchdog Timer overflow, chip power-up, or clear-
ing the Watchdog Timer and executing the
²HALT² in-
struction. The Z, OV, AC, and C flags reflect the status of
the latest operations.
On entering the interrupt sequence or executing the
subroutine call, the status register will not be automati-
cally pushed onto the stack. If the contents of the status
is important, and if the subroutine is likely to corrupt the
status register, the programmer should take precautions
and save it properly.
Interrupts
The device provides two external interrupts, an internal
timer/event counter interrupt, an internal time base in-
terrupt, and an internal real time clock interrupt. The in-
terrupt control register 0 (INTC0;0BH) and interrupt
control register 1 (INTC1;1EH) both contain the interrupt
control bits that are used to set the enable/disable status
and interrupt request flags.
Once an interrupt subroutine is serviced, other inter-
rupts are all blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may take place during this interval,
but only the interrupt request flag will be recorded. If a
certain interrupt requires servicing within the service
routine, the EMI bit and the corresponding bit of the
INTC0 or of INTC1 may be set in order to allow interrupt
nesting. Once the stack is full, the interrupt request will
not be acknowledged, even if the related interrupt is en-
abled, until the SP is decremented. If immediate service
is desired, the stack should be prevented from becom-
ing full.
All these interrupts can support a wake-up function. As
an interrupt is serviced, a control transfer occurs by
pushing the contents of the program counter onto the
stack followed by a branch to a subroutine at the speci-
fied location in the ROM. Only the contents of the pro-
gram counter is pushed onto the stack. If the contents of
the register or of the status register (STATUS) is altered
by the interrupt service program which corrupts the de-
sired control sequence, the contents should be saved in
advance.
External interrupts are triggered by a high to low transi-
tion of INT0 or INT1, and the related interrupt request
flag (EIF0;bit 4 of INTC0, EIF1;bit 5 of INTC0) is set as
well. After the interrupt is enabled, the stack is not full,
and the external interrupt is active, a subroutine call to
location 04H or 08H occurs. The interrupt request flag
(EIF0 or EIF1) and EMI bits are all cleared to disable
other interrupts.
The internal timer/event counter interrupt is initialized by
setting the timer/event counter interrupt request flag
(TF;bit 6 of INTC0), which is normally caused by a timer
overflow. After the interrupt is enabled, and the stack is
not full, and the TF bit is set, a subroutine call to location
0CH occurs. The related interrupt request flag (TF) is re-
set, and the EMI bit is cleared to disable further inter-
rupts.
Bit No.
Label
Function
0C
C is set if the operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a ro-
tate through carry instruction.
1AC
AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if the operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by either a system power-up or executing the
²CLR WDT² instruction. PDF is
set by executing the
²HALT² instruction.
5TO
TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO
is set by a WDT time-out.
6, 7
¾
Unused bit, read as
²0²
Status (0AH) Register


Similar Part No. - HT49R30A-1_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results

Similar Description - HT49R30A-1_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com