Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R66 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT56R66
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R66 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT56R66_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R66_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R66_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R66_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R66_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R66_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R66_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R66_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R66_12 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVD
Low Voltage Detector Voltage
¾
Configuration option: 2.2V
2.08
2.2
2.32
V
Configuration option: 3.3V
3.12
3.3
3.50
V
Configuration option: 4.4V
4.12
4.4
4.70
V
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
IOL2
LCD Common and Segment
Current
3V
VOL=0.1VDD
210
420
¾mA
5V
350
700
¾mA
IOH2
LCD Common and Segment
Current
3V
VOH=0.9VDD
-80
-160
¾mA
5V
-180
-360
¾mA
RPH
Pull-high Resistance for I/O
Ports
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
Note:
1. 32768Hz is in slow start mode (RTCC.4=1) for the D.C. current measurement.
2. LCD waveform is in Type A condition.
3. fS is the internal clock for the Buzzer, RTC Interrupt, Time Base Interrupt and the WDT.
4. Both Timer/Event Counters are off. Timer filter is disabled for all test conditions.
5. All peripherals are in OFF condition if not mentioned at IDD,ISTB tests.
HT56R66/HT56R666
Rev. 1.40
8
May 11, 2012


Similar Part No. - HT56R66_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_14 Datasheet
4Mb / 123P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
More results

Similar Description - HT56R66_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com