Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R666 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT56R666
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R666 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT56R666_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R666_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R666_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R666_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R666_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R666_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R666_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R666_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R666_12 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
HT56R666
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.0
¾
5.5
V
fSYS=12MHz
4.5
¾
5.5
V
AVDD
Analog Operating Voltage
¾ VREF=AVDD
3.0
¾
5.0
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=1MHz
¾
170
250
mA
5V
¾
380
570
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=2MHz
¾
240
360
mA
5V
¾
490
730
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=4MHz
(note 5)
¾
440
660
mA
5V
¾
900
1350
mA
IDD4
Operating Current
(EC Mode, Filter On)
3V
No load, fSYS=fM=4MHz
¾
380
570
mA
5V
¾
720
1080
mA
IDD5
Operating Current
(EC Mode, Filter Off)
3V
No load, fSYS=fM=4MHz
¾
370
550
mA
5V
¾
680
1020
mA
IDD6
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=fM=8MHz
¾
1.8
2.7
mA
IDD7
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=fM=12MHz
¾
2.6
4.0
mA
IDD8
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=500kHz
¾
150
220
mA
5V
¾
340
510
mA
IDD9
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=1MHz
¾
180
270
mA
5V
¾
400
600
mA
IDD10
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=2MHz
¾
270
400
mA
5V
¾
560
840
mA
IDD11
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=1MHz
¾
240
360
mA
5V
¾
540
810
mA
IDD12
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=2MHz
¾
320
480
mA
5V
¾
680
1020
mA
IDD13
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=4MHz
¾
500
750
mA
5V
¾
1000
1500
mA
IDD14
Operating Current
(fSYS=32768Hz (note 1)
or 32K internal RC OSC)
3V
WDT off, LCD on (note 2),
1/5 bias (RBIAS=1M
W),
VLCD=VDD
¾
812
mA
5V
¾
14
21
mA
IDD15
Operating Current
(fSYS=32768Hz (note 1)
or 32K internal RC OSC)
3V
WDT off, LCD on (note 2),
1/4 bias (RBIAS=800k
W),
VLCD=VDD
¾
812
mA
5V
¾
14
21
mA
HT56R66/HT56R666
Rev. 1.40
9
May 11, 2012


Similar Part No. - HT56R666_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R666 HOLTEK-HT56R666 Datasheet
801Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
More results

Similar Description - HT56R666_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com