Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0457200000 Datasheet(PDF) 2 Page - Weidmuller

Part # 0457200000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0457200000 Datasheet(HTML) 2 Page - Weidmuller

  0457200000 Datasheet HTML 1Page - Weidmuller 0457200000 Datasheet HTML 2Page - Weidmuller 0457200000 Datasheet HTML 3Page - Weidmuller 0457200000 Datasheet HTML 4Page - Weidmuller 0457200000 Datasheet HTML 5Page - Weidmuller 0457200000 Datasheet HTML 6Page - Weidmuller 0457200000 Datasheet HTML 7Page - Weidmuller 0457200000 Datasheet HTML 8Page - Weidmuller 0457200000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
SAK-series
125
Weidmüller terminal - SAK-series- are pro-
ved in millions of applications for more
than 50 years.
Available for the two rail systems TS32
and TS35, the SAK terminals are useable
for every application and for all cross-sec-
tions. SAK terminals fulfill the requirements
of EN 60 947-7-1.
Thermosetting plastic or
Thermoplastic
Terminal of thermosetting plastic are nor-
mally used in applications where high con-
tinuous service temperature and high
flammability level are necessary. The
Weidmüller thermosetting plastic KRG is
very resistant against infection through
mould and micro-organisms.
The thermoplastic material Polyamide 66
has very good electrical and mechanical
properties upto 100 °C. PA66 is flexible
and unsusceptible to fracture, even with
low temperatures.
Polyamid 66 has improved fire resistance
and is self-extinguishing with flammability
level V2 according to UL 94.
Cross-connection systems
40% of all terminals are cross-connected
for potential branching.
Weidmüller distinguishes between the fol-
lowing cross-connection units for SAK-
series:
• type Q pre-assembled cross-connec-
tions
• type QL permanent cross-connections
• type VL removeable cross-connection
straps
• type QS removeable cross-connection
plugs
Cross-connection systems from the SAK
and AKZ series, type Q, QL or VL or other
freely accessible live components, must be
protected with appropriate covers ADP 1
or 4 or TSK 31.5 as long as they are to be
inserted safe from contact.
Approvals
The following approvals apply to SAK ter-
minals:
a
UL-USA
r
CSA-Canada
#
GOST-Russia
q
SEV-Switzerland
i
KEMA-Netherlands
LR
Lloyds Register of Shipping
u
Germanischer Lloyd
DNV
Det Norske Veritas
SAK portfolio
• Feed-through terminals
•Protective conductor terminals
• Fuse terminals
•Disconnect-test terminals
• Feed-through terminals with tab, solder,
WireWrap and Termi Point connections
• Initiator terminals, Actuator terminals
• Stud terminals
Accessories
An extensive assortment of accessories is
available for Weidmüller SAK terminals:
• Partitions
• Cover plates
• Small partitions
•Test plugs
•Test adapters
• Marking material
•Cross-connections and
• Covers
TS 32
Thermosetting
plastic
Thermoplastic
TS 35
Positioning of end plates or partitions between cross-connections
Operating voltage
Terminal width (in mm)
3
6
3
810
121822
125 V ~
AP
–––––
250 V ~
AP
–––––
380 V ~
AP
AP
––––
440 V ~
TW
AP
AP
AP
AP
500 V ~
TW
TW
AP
AP
AP
660 V ~
TW
TW
TW
TW
TW
AP
750 V ~
TW
TW
TW
TW
TW
AP
In PA terminals small partitions (TSch) have to be used up to 380 V.


Similar Part No. - 0457200000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
045701-0006 ITT-045701-0006 Datasheet
245Kb / 1P
   Straight plug Grommet seal with strain relief soder Cup / Socket / Layout: 8-4
045702-0001 ITT-045702-0001 Datasheet
242Kb / 1P
   Straight plug Grommet seal with strain relief Solder Cup / Pin / Layout: 10-6
045702-0002 ITT-045702-0002 Datasheet
246Kb / 1P
   Straight plug Grommet seal with strain relief Solder Cup / Socket / Layout: 10-6
045703-0001 ITT-045703-0001 Datasheet
242Kb / 1P
   Straight plug Grommet seal with strain relief Solder Cup / Pin / Layout: 12-3
045703-0005 ITT-045703-0005 Datasheet
243Kb / 1P
   Straight plug Grommet seal with strain relief Solder Cup / Pin / Layout: 12-10
More results

Similar Description - 0457200000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com