Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS83B16G-3 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # BS83B16G-3
Description  8-Bit Touch Key Flash MCU
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS83B16G-3 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button BS83B16G-3 Datasheet HTML 5Page - Holtek Semiconductor Inc BS83B16G-3 Datasheet HTML 6Page - Holtek Semiconductor Inc BS83B16G-3 Datasheet HTML 7Page - Holtek Semiconductor Inc BS83B16G-3 Datasheet HTML 8Page - Holtek Semiconductor Inc BS83B16G-3 Datasheet HTML 9Page - Holtek Semiconductor Inc BS83B16G-3 Datasheet HTML 10Page - Holtek Semiconductor Inc BS83B16G-3 Datasheet HTML 11Page - Holtek Semiconductor Inc BS83B16G-3 Datasheet HTML 12Page - Holtek Semiconductor Inc BS83B16G-3 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 141 page
background image
Pin Description
The function of each pin is listed in the following table, however the details behind how each pin is
configured is contained in other sections of the datasheet.
BS83B08-3/B12-3/B16-3/B16G-3
Pin Name
Function
OPT
I/T
O/T
Description
PA0/SDI/SDA
PA0
PAWU
PAPU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
SDI
SIMC0
ST
¾
SPI data input
SDA
SIMC0
ST
NMOS I
2C data
PA1/SDO
PA1
PAWU
PAPU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
SDO
SIMC0
¾
CMOS SPI data output
PA2/SCK/SCL
PA2
PAWU
PAPU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
SCK
SIMC0
ST
CMOS SPI serial clock
SCL
SIMC0
ST
NMOS I
2C clock
PA3/SCS
PA3
PAWU
PAPU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
SCS
SIMC0
ST
CMOS SPI slave select
PA4/INT
PA4
PAWU
PAPU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
INT
INTEG
ST
¾
External interrupt
PB0/KEY1~
PB3/KEY4
PB0~PB3
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
KEY1~KEY4
TKM0C1
NSI
¾
Touch key inputs
PB4/KEY5~
PB7/KEY8
PB4~PB7
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
KEY5~KEY8
TKM1C1
NSI
¾
Touch key inputs
PC0/KEY9~
PC3/KEY12
PC0~PC3
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
KEY9~KEY12
TKM2C1
NSI
¾
Touch key inputs
PC4/KEY13~
PC7/KEY16
PC4~PC7
PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
KEY13~KEY16
TKM3C1
NSI
¾
Touch key inputs
RES
Reset pin
¾
ST
¾¾
VDD
Power supply *
¾
PWR
¾¾
VSS
Ground **
¾
PWR
¾¾
Note:
I/T: Input type
O/T: Output type
OPT: Optional by register selection
PWR: Power
ST: Schmitt Trigger input
CMOS: CMOS output
NMOS: NMOS output
NSI; Non-standard input
BS83B08-3/B12-3/B16-3/B16G-3/C24-3
8-Bit Touch Key Flash MCU
Rev. 1.30
9
September 22, 2011


Similar Part No. - BS83B16G-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS83B16A-3 HOLTEK-BS83B16A-3 Datasheet
5Mb / 119P
   8-Bit Touch Key Flash MCU
BS83B16A-3 HOLTEK-BS83B16A-3 Datasheet
4Mb / 128P
   Touch Flash MCU
BS83B16A-4 HOLTEK-BS83B16A-4 Datasheet
5Mb / 119P
   8-Bit Touch Key Flash MCU
BS83B16A-4 HOLTEK-BS83B16A-4 Datasheet
4Mb / 128P
   Touch Flash MCU
BS83B16C HOLTEK-BS83B16C Datasheet
6Mb / 128P
   Touch Flash MCU
More results

Similar Description - BS83B16G-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08A-3 HOLTEK-BS83B08A-3 Datasheet
5Mb / 119P
   8-Bit Touch Key Flash MCU
BS83B04C HOLTEK-BS83B04C Datasheet
6Mb / 123P
   4 Key Touch Flash MCU
BS85B12-3 HOLTEK-BS85B12-3 Datasheet
2Mb / 182P
   Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
BS85B12-3 HOLTEK-BS85B12-3_12 Datasheet
7Mb / 183P
   Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
BS83B08C HOLTEK-BS83B08C Datasheet
6Mb / 128P
   Touch Flash MCU
BS83B04A-4 HOLTEK-BS83B04A-4 Datasheet
4Mb / 128P
   Touch Flash MCU
BH67F5245 HOLTEK-BH67F5245 Datasheet
6Mb / 166P
   24-Bit Delta Sigma A/D Flash MCU with LCD and Touch Key
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
BS84B08A-3 HOLTEK-BS84B08A-3 Datasheet
4Mb / 123P
   A/D Type Touch Key MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com