Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS632KUA Datasheet(PDF) 9 Page - SEC Electronics Inc.

Part # SS632KUA
Description  Hall Latch - High Sensitivity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS632KUA Datasheet(HTML) 9 Page - SEC Electronics Inc.

Back Button SS632KUA Datasheet HTML 2Page - SEC Electronics Inc. SS632KUA Datasheet HTML 3Page - SEC Electronics Inc. SS632KUA Datasheet HTML 4Page - SEC Electronics Inc. SS632KUA Datasheet HTML 5Page - SEC Electronics Inc. SS632KUA Datasheet HTML 6Page - SEC Electronics Inc. SS632KUA Datasheet HTML 7Page - SEC Electronics Inc. SS632KUA Datasheet HTML 8Page - SEC Electronics Inc. SS632KUA Datasheet HTML 9Page - SEC Electronics Inc. SS632KUA Datasheet HTML 10Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
Package SO, 3-Pin SOT-23:
Hall plate lo
 
Notes:
1). PINOUT:
Pin 1 VDD
Pin 2 Output
2). All dimension
Top View
3
Pin 3 GND
s are in millimeters ;
2.65
2.95
1.60
1.70
1
2
1.70
2.10
                                                               
9
V2.00
May.1, 2012
cation
Side View
End View
2.82
3.02
0.08
0.20
0.70
0.90
0.70
0.80
0.20
MIN
0.00
0.10
0.35
0.50
Bottom View of TSOT-23
0.36
0.46
0.95
0.80
1.50
1.40
Chip
3
1
2


Similar Part No. - SS632KUA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS63 FRONTIER-SS63 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS63 ASEMI-SS63 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS63-LFR FRONTIER-SS63-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6340 SSC-SS6340 Datasheet
682Kb / 16P
   High Performance, Triple-Output, Auto-Tracking Combo Controller
SS6340CSTB SSC-SS6340CSTB Datasheet
682Kb / 16P
   High Performance, Triple-Output, Auto-Tracking Combo Controller
More results

Similar Description - SS632KUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
   Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
   Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
   Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
   Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
   Hall Latch - High Sensitivity
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
   Hall Latch - High Sensitivity
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2609 SECELECTRONICS-SS2609 Datasheet
347Kb / 6P
   Hall Latch - High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com