Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-LI080 Datasheet(PDF) 9 Page - alpha microelectronics gmbh

Part # AMG-LI080
Description  Timer/Dimmer with Gate Driver, Zero Detection & Protection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LI080 Datasheet(HTML) 9 Page - alpha microelectronics gmbh

Back Button AMG-LI080 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 12Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 13Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AMG-LI080
Timer/Dimmer with Gate Driver, Zero Detection & Protection
#
Symbol
Parameter
Min
Max
Unit
19
Ptot
Total Power Dissipation
250
mW
20
PTOTG
Total Power Dissipation Gate Control
100
mW
21
VESD1
)
ESD – Input Protection Voltage VDD, TRES, INZ,
CH, CM1, CM2
-2000
2000
V
22
Tstg
ESD – Input Protection Voltage OC1, OC2, OV, OT,
-900
900
V
23
Tj
ESD – Output Protection Voltage OUT, OS,CS
-900
900
V
Notes:
1) V
ESD according to Human Body Model, MIL-STD-883D, Method 3015.7, Class 2
2) T
j = Rthjc * Ptot +
Tamb
10. Electrical Characteristics
10.1. Operational Range
#
Symbol
Parameter
Min
Max
Unit
1
VDD
Supply Voltage
10
12
V
2
Tamb
Ambient Temperature Range
0
70
°C
10.2. DC Characteristics
DC characteristics contain the spread of values guaranteed within the specified supply voltage and
temperature range and the technology process parameter range unless otherwise specified.
Tj = 25°C for typical values
#
Symbol Parameter
Conditions
Min
Typ
Max
Unit
1
IDDL
Current Consumption
VOUT = Low
VDD =12V
VINZ = 1V
-
0.8
1.0
mA
2
IDDH
Current Consumption
VOUT = High
VDD =12V
VINZ = 1V
-
0.5
0.8
mA
3
IDDL_Error
Current Consumption Error-Mode
VOUT = Low
VDD =12V
VINZ = 1V
VOT
1V
-
1.4
1.9
mA
4
VTRES
Threshold Voltage Input TRES
VDD =12V
6.5
7.5
8.5
V
5
VPON
Threshold Voltage Power on
VDD =12V
8.0
9.1
9.9
V
6
VTH OC1, 2 Threshold Voltage OC1, 2
VDD =12V
0.55
0.75
0.85
V
7
VTH OV
Threshold Voltage OV
VDD =12V
0.55
0.75
0.85
V
8
VTH OT
Threshold Voltage OT
VDD =12V
0.55
0.75
0.85
V
AMG-LI080
Revision: B
8. Nov. 2012
© All rights reserved
Page 9 of 24


Similar Part No. - AMG-LI080

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
   Family of HV LED Driver Modules
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
AMG-LM302 ALPHA-MICRO-AMG-LM302 Datasheet
754Kb / 23P
   Ballast Controller for Metal Halide Lamps
More results

Similar Description - AMG-LI080

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PM1205 IXYS-PM1205 Datasheet
113Kb / 6P
   Zero-Crossing Detection
PS2401 IXYS-PS2401 Datasheet
97Kb / 5P
   Zero-Crossing Detection
PD2601 IXYS-PD2601 Datasheet
97Kb / 5P
   Zero-Crossing Detection
PM1204 IXYS-PM1204 Datasheet
113Kb / 6P
   Zero-Crossing Detection
PM1206 IXYS-PM1206 Datasheet
113Kb / 6P
   Zero-Crossing Detection
CPC1966 IXYS-CPC1966 Datasheet
112Kb / 6P
   Zero-Crossing Detection
PS1201 IXYS-PS1201 Datasheet
97Kb / 5P
   Zero-Crossing Detection
PD2401 IXYS-PD2401 Datasheet
97Kb / 5P
   Zero-Crossing Detection
PS2601 IXYS-PS2601 Datasheet
97Kb / 5P
   Zero-Crossing Detection
logo
Analog Devices
ADUM4137 AD-ADUM4137 Datasheet
664Kb / 28P
   High Voltage, Isolated IGBT Gate Driver with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com