Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0497560000 Datasheet(PDF) 6 Page - Weidmuller

Part # 0497560000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0497560000 Datasheet(HTML) 6 Page - Weidmuller

Back Button 0497560000 Datasheet HTML 2Page - Weidmuller 0497560000 Datasheet HTML 3Page - Weidmuller 0497560000 Datasheet HTML 4Page - Weidmuller 0497560000 Datasheet HTML 5Page - Weidmuller 0497560000 Datasheet HTML 6Page - Weidmuller 0497560000 Datasheet HTML 7Page - Weidmuller 0497560000 Datasheet HTML 8Page - Weidmuller 0497560000 Datasheet HTML 9Page - Weidmuller 0497560000 Datasheet HTML 10Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Feed-through terminals
129
a r # u DNV
16/58/67.5
16/63/60
18 mm/M 6/6.5 x 1.2
1000 V/125 A/35 mm2
8 kV/3
4.0…5.0/4.0…6.0***
2.5…16
2.5…50
2.5…35
2.5…35
B 8
125 A/35 mm2
65
65
600 V/100 A/12…2 AWG
600 V/120 A/12…2 AWG
Y
Qty. W
Qty.
0550620000 20 0608220000 20
0555720000 20 0608320000 20
0608370000 20
0550630000 20
0555730000 20
0550660000 20 0608260000 20
0555760000 20 0608360000 20
Type
Cat. No.
Qty.
AP (3.0)
0303620000 10
AP (3.0)
0303670000 10
AP (3.0)
0303630000 10
AP (1.5)
0303660000 10
AP (3.0)
0303680000 10
TW (3.0)
0304320000 10
TW (3.0)
0304330000 10
TW (1.5)
0304360000 10
QL 2
0564900000 50
QL 3
0565000000 50
QL 4
0565100000 50
QL 10
0565200000 20
VH 17
0267000000 50
BS M 4x30
0267100000 50
SS M 4
0136400000100
AD 4
0576700000 50
BSK M 4x32 0129100000 50
PS 4
0299600000 20
DEK 5
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
KrG
Hexagon socket KrG
Hexagon socket Blue KrG
KrS
Hexagon socket KrS
PA
Hexagon socket PA
Blue PA
End plate (thickness mm)
KrG
Blue KrG
KrS
PA
Blue PA
Orange PA
Partition (thickness mm)
KrG
Blue KrG
KrS
PA
Blue PA
Cross-connection
QL 3
VH
BS
SS
2-pole
3-pole
4-pole
10-pole
Switchable cross-connection link
VL 2
BS
VH
Cover / test plug
PS 4
Marking tags
Print
DEK
Standard
a r
i # LR u DNV
18/58/67.5
18/58/60
20 mm/M 6/6.5 x 1.2
800 V/125 A/35 mm2
8 kV/3
4.0…5.0/4.0…6.0***
6…16
16…50
10…35
10…35
B 9
125 A/35 mm2
99
99
600 V/100 A/6…2 AWG
600 V/145 A/6…2 AWG
Y
Qty.
W
Qty.
0303520000 20
0476520000 20
0303530000 20
0303560000 20 0380760000 20
0476560000 20 0582460000 20
0303580000 20 0380780000 20
Type
Cat. No.
Qty.
AP (3.0)
0303620000 10
AP (3.0)
0303670000 10
AP (3.0)
0303630000 10
AP (1.5)
0303660000 10
AP (3.0)
0303680000 10
TW (3.0)
0304320000 10
TW (3.0)
0304330000 10
TW (1.5)
0304360000 10
QL 2
0123600000 20
QL 3
0123700000 20
QL 4
0123800000 20
QL 10
0338600000 20
VH 17
0267000000 50
BS M 4x30
0267100000 50
SS M 4
0136400000100
VL 2
0124000000 50
VH 24.5
0298700000 50
BS M 4x35
0298900000 50
AD 4
0178700000 20
BSK M 4x32 0129100000 50
PS 4
0299600000 20
DEK 5
see “Accessories”
a r # DNV
28/83.5/100.5
28/83.5/96.5
30 mm/M 10/S 8 D6911
1000 V/232 A/95 mm2
8 kV/3
10.0…20.0
Strips
10…16
3x9x0.8
10…120 2)
6x9x0.8
10…95 2)
6x13x0.5
10…35
6x16x0.8
B 12
232 A/95 mm2
180
600 V/190 A/6…3/0 AWG
600 V/260 A/6…3/0 AWG
Y
Qty.
W
Qty.
0550520000 10 0662220000 10
Type
Cat. No.
Qty.
AP (3.0)
0550920000 10
AP (3.0)
0550970000 10
QL 2
0551200000 10
QL 3
0407600000 10
QL 4
0407700000 10
VH 35
0551100000 10
BS M 5x50
0630200000 20
ADP 3
0485400000 20
PS 4
0299600000 20
DEK 5
see “Accessories”
a r #
LR u DNV
22/75/79.5
22/75/87
24 mm/M 8/S 6 D911
1000 V/192 A/70 mm2
8 kV/3
6.0…12.0
Strips
16
3x9x0.8
16…70 1)
6x9x0.8
16…70 1)
6x13x0.5
16…35
B 11
192 A/70 mm2
180
600 V/145 A/4…2/0 AWG
600 V/150 A/4…2/0 AWG
Y
VPEW
Qty.
0340820000 10
0340870000 10
0340830000 10
013916000010
Type
Cat. No.
Qty.
AP (4.0)
0340920000 10
AP (4.0)
0340930000 10
AP (2.0)
0340960000 10
QL 2
0345300000 20
QL 3
0167000000 20
VH 30.5
0345500000 20
BS M 5x45
0345600000 20
SS M 5
0346100000100
AD 3
0344300000 10
BSKM 5x45 0344400000 50
PS 4
0299600000 20
DEK 5
see “Accessories”
Mounting rails, end brackets, further marking material see “Accessories”
*** For hexagon socket
1
) 12 Nm for 70 mm2
2
) 20 Nm for 95 mm2 and 120 mm2
Y
Y
Y
Y
WW
W
W
SAK 35 N
SAK 35 N/35
SAK 35
SAK 35/35
SAK 95
SAK 95/35
SAK 70
SAK 70/35


Similar Part No. - 0497560000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0497560000 WEIDMULLER-0497560000 Datasheet
464Kb / 1P
   Screw Clamp Connections Spring Loaded
More results

Similar Description - 0497560000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com