Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0497520000 Datasheet(PDF) 8 Page - Weidmuller

Part # 0497520000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0497520000 Datasheet(HTML) 8 Page - Weidmuller

Back Button 0497520000 Datasheet HTML 4Page - Weidmuller 0497520000 Datasheet HTML 5Page - Weidmuller 0497520000 Datasheet HTML 6Page - Weidmuller 0497520000 Datasheet HTML 7Page - Weidmuller 0497520000 Datasheet HTML 8Page - Weidmuller 0497520000 Datasheet HTML 9Page - Weidmuller 0497520000 Datasheet HTML 10Page - Weidmuller 0497520000 Datasheet HTML 11Page - Weidmuller 0497520000 Datasheet HTML 12Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
II. Symbols
Thermocouples according to IEC 584
DIN 43710
Busbar material
Terminal
trade name
a) Type J
Fe
Iron
(positive leg)
CuNi
Constantan
(negative leg)
b) Type T
Cu
Copper
(positive leg)
CuNi
Constantan
(negative leg)
c) Type K
NiCr
Chromel
(positive leg)
Ni
Alumel
(negative leg)
Feed-through terminals for thermocouples
131
Busbars made from thermocouple materials
according to DIN IEC 584
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Technical data/VDE
Rated voltage/current/cross-section
Tightening torque range
Nm
Ordering data
Version
Type
NiCr
Ni
CuNi
Fe
Cu
NiCr/Ni
K
Cu/CuNi
T
Fe/CuNi
J
End plate (thickness mm)
KrG
Blue KrG
KrS
PA
Blue PA
Orange PA
Partition (thickness mm)
KrG
Blue KrG
KrS
PA
WEM
for TS 32 HP
Marking tags
Print
DEK
Standard
Weidmüller’s thermocouple-treminals
are specially designed for transmitting the
smallest voltages in temperature measu-
ring circuits. Special busbars ensure that
no false signals occur in the terminal when
temperature differences exist in the positi-
ve and negative path.
This high measuring precision is necessary
for, e.g. test beds, air craft engines, for
complicated chemical processes, controls,
etc.
I. Configuration of a
temperature measuring circuit
1 Thermocouple (sensor)
4 Reference point
2 Thermocouple terminals
5 Supply conductors (to and from)
3 Compensation conductor 6 Measuring device
The thermocouple terminals displayed in
this measurement circuit are used to ther-
moelectrically transmit thermal e.m.f. of
the thermocouple to the reference point
and indicating device via the thermo-
couple.
6/36.5/49.5
10 mm/M 2.5/3.5 x 0.6
–/–/2.5 mm2
0.4…0.6
Y
Cat. No.
Qty.
0107260000 100
0107160000 100
0189860000 100
0190060000 100
0189960000 100
Type
Cat. No.
Qty.
AP (1.5)
0279560000 20
TW (1.5)
0302860000 20
DEK 6
see “Accessories”
6/54/59.5
6/54/60.5
9 mm/M 3/3.5 x 0.6
–/–/4 mm2
0.5…1
WY
Qty.
1284160000 1338260000 100
1285660000 1338160000 100
1284060000 1338060000 100
Type
Cat. No.
Qty.
AP (1.5)
1397160000 20
WTW (Ex)e
1058800000 20
TW HP (2.0) 0607000000 20
DEK 6
see “Accessories”
Mounting rails, end brackets, further marking material see “Accessories”
Y
Y
W
SAK 2.5 TC
DK 4 Q/TC


Similar Part No. - 0497520000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0497560000 WEIDMULLER-0497560000 Datasheet
464Kb / 1P
   Screw Clamp Connections Spring Loaded
More results

Similar Description - 0497520000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0337000000 WEIDMULLER-0337000000 Datasheet
46Kb / 1P
   SAK-series
0300800000 WEIDMULLER-0300800000 Datasheet
207Kb / 2P
   SAK Series, Connecting sleeve, for crossconnection link,
October 18, 2021
0198220000 WEIDMULLER-0198220000 Datasheet
314Kb / 4P
   SAK Series, Test-disconnect terminal, Rated cross-section: 6mm짼
October 6, 2021
0117900000 WEIDMULLER-0117900000 Datasheet
211Kb / 2P
   SAK Series, End plate, 1.5 mm, red, Direct mounting
October 3, 2021
0105100000 WEIDMULLER-0105100000 Datasheet
209Kb / 2P
   SAK Series, End plate, 1.5 mm, dark beige, Direct mounting
September 10, 2021
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com