Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-LL75X Datasheet(PDF) 4 Page - alpha microelectronics gmbh

Part # AMG-LL75X
Description  High Efficiency Step Down LED Driver for High Brightness LED and OLED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LL75X Datasheet(HTML) 4 Page - alpha microelectronics gmbh

  AMG-LL75X Datasheet HTML 1Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 2Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 3Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 4Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 5Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 6Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 7Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 8Page - alpha microelectronics gmbh AMG-LL75X Datasheet HTML 9Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AMG-LL75x
High Efficiency Step Down LED Driver for High Brightness LED and OLED
6. Absolute Maximum Ratings
The Absolute Maximum Ratings may not be exceeded under any circumstances.
#
Parameter
Min
Max
Unit
1
Input Voltage (Vin relative to GND)*
-40
+30
V
2
MOD pin input voltage (relative to GND)
-0.3
Vin
-
3
Input Current: 1A
-
-
-
Operating Temperature:
4
LW05-200**
-30
+85
°C
5
LW05-350**
-30
+85
°C
Note(s):
1. * - (40V for 0.5 sec)
2. ** - in still air
7. Electrical Characteristics
7.1. Operational Range
#
Symbol
Parameter
Min
Max
Unit
1
Vin
Input Voltage
7
30
V
2
Istandby
Standby current (MOD = high)
3,5
mA
Note(s):
AMG-LL75x
Revision: A
28. Mar. 2012
© All rights reserved
Page 4 of 12


Similar Part No. - AMG-LL75X

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
   Family of HV LED Driver Modules
More results

Similar Description - AMG-LL75X

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
SM8200 MSK-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
SamHop Microelectronics...
SM8200 SAMHOP-SM8200 Datasheet
96Kb / 1P
   High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201_15 Datasheet
134Kb / 12P
   High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
logo
Taiwan Semiconductor Co...
TS19376 TSC-TS19376 Datasheet
152Kb / 8P
   1A Step-down High Brightness LED Driver
logo
Maxic Technology Corpor...
MT7210 MAXIC-MT7210 Datasheet
137Kb / 1P
   400V Step-down high brightness LED driver
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
   1A, Step-down High Brightness LED Driver
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
   350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
   350mA High Efficiency Step Down LED Driver
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com