Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-SM101 Datasheet(PDF) 11 Page - alpha microelectronics gmbh

Part # AMG-SM101
Description  Inductive Proximity Sensor IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-SM101 Datasheet(HTML) 11 Page - alpha microelectronics gmbh

Back Button AMG-SM101 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-SM101 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-SM101 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-SM101 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-SM101 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-SM101 Datasheet HTML 12Page - alpha microelectronics gmbh AMG-SM101 Datasheet HTML 13Page - alpha microelectronics gmbh AMG-SM101 Datasheet HTML 14Page - alpha microelectronics gmbh AMG-SM101 Datasheet HTML 15Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AMG-SM101
Inductive Proximity Sensor IC
8.3. AC Characteristics
The typical values are given for VCC =24V, Tj = 25°C unless otherwise specified.
#
Symbol
Parameter
Min
Typ
Max
Unit
1
fOSC
Operating frequency (set by ext. LC tank)
0.1
1.0
MHz
2
RN
Negative resistance at pin L1
-200
-2
3
fcutoff
Detector filter frequency
2
7
kHz
4
HW
Hysteresis width (set by Rhys)
0
15
%
5
tR
Output rise time (@ 1kΩ load)
<1.5
μs
6
tF
Output fall time (@ 1kΩ load) *2)
<1
μs
7
TS,OVL
Sampling period in overload mode (set by COVL)
50
120
250
ms
8
TSTARTUP
Startup time*3)
50
120
250
ms
9
CMAX
Maximum output capacitance for regular loads*4)
10
nF
10
CIN
Input capacitance
6
8.5
13
pF
11
Δdsense
Sensing distance vs. Vcc
1
2
%
Note:
*2) fall time right after start-up depends on the load used and can be as long as 10ms
*3) this is the maximum start-up time of the IC itself; this parameter does not reflect performance of a sensor; during start-up the
output is inactive (off) regardless of the state of the NO/NC pin
*4) for more information on capacitive loads refer to Overload Explanation in Section 5.7.
AMG-SM101
Revision: B
06.11.12
© All rights reserved
Page 11 of 17


Similar Part No. - AMG-SM101

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-SO101 ALPHA-MICRO-AMG-SO101 Datasheet
167Kb / 2P
   FACT SHEET
AMG-SO204 ALPHA-MICRO-AMG-SO204 Datasheet
767Kb / 30P
   Optical Switch IC
More results

Similar Description - AMG-SM101

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
   Inductive Proximity Sensor
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
   Compact Inductive Proximity Sensor
logo
Omron Electronics LLC
E2EZ-X4D1-R OMRON-E2EZ-X4D1-R Datasheet
840Kb / 9P
   Chip-immune Inductive Proximity Sensor
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
   Chip-immune Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com