Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N139 Datasheet(PDF) 9 Page - Shenzhen Tenand Technology Co., Ltd.

Part # 6N139
Description  Single Channel, High Speed Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

6N139 Datasheet(HTML) 9 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button 6N139 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. 6N139 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. 6N139 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. 6N139 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. 6N139 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. 6N139 Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. 6N139 Datasheet HTML 11Page - Shenzhen Tenand Technology Co., Ltd. 6N139 Datasheet HTML 12Page - Shenzhen Tenand Technology Co., Ltd. 6N139 Datasheet HTML 13Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Electrical Specifications
Part No. : 6N138 / 6N139 series
Page : 9
of 15
BNS-OD-C131/A4
Parameters
Test Condition
Symbol
Device
Min
Typ
Max
Units
Input
Input Forward Voltage
IF =1.6mA, TA=25℃
VF
1.1
1.7
V
Input Forward Voltage
Temperature Coefficient
IF=1.6mA
∆VF/∆Ta
-1.9
mV/℃
Input Reverse Voltage
IR = 10µA TA=25℃
BVR
5
-
-
V
Input Capacitance
VF=0; f=1MHZ
CIN
6N138
6N139
-
60
-
pF
Detector
IF=1.6mA;Vo=0.4V;
Vcc=4.5V
6N138
300
1600
2600
IF=0.5mA;Vo=0.4V;
Vcc=4.5V
400
2000
5000
Current transfer ratio
IF=1.6mA;Vcc=0.4V;
Vcc=4.5V
CTR
6N139
500
1600
2600
%
IF=1.6mA;Vcc=4.5V;
Io=4.8mA
6N138
-
0.1
0.4
IF=0.5mA;Vcc=4.5V;
Io=2mA
IF=1.6mA;Vcc=4.5V;
Io=8mA
IF=5mA;Vcc=4.5V;
Io=15mA
-
0.1
Logic low output voltage
IF=12mA;Vcc=4.5V;
Io=24mA
VOL
6N139
-
0.2
0.4
V
IF=0mA, Vo=Vcc=7V
TA=25℃
6N138
-
0.05
250
Logic high output current
IF=0mA, Vo=Vcc=18V
TA=25℃
IOH
6N139
-
0.1
100
μA
Logic low supply current
IF=1.6mA, Vo=open
(Vcc=18V)
IccL
6N138
6N139
-
0.4
1.5
mA
Logic high supply current
IF=0mA, Vo=open ;
TA=25℃ (Vcc=18V)
IccH
6N138
6N139
-
0.01
10
uA
*All Typical at TA =25
°C


Similar Part No. - 6N139

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Vishay Siliconix
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
More results

Similar Description - 6N139

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com