Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-502 Datasheet(PDF) 8 Page - Analog Devices

Part # AN-502
Description  Designing a Superheterodyne Receiver Using an IF Sampling Diversity Chipset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AN-502 Datasheet(HTML) 8 Page - Analog Devices

Back Button AN-502 Datasheet HTML 4Page - Analog Devices AN-502 Datasheet HTML 5Page - Analog Devices AN-502 Datasheet HTML 6Page - Analog Devices AN-502 Datasheet HTML 7Page - Analog Devices AN-502 Datasheet HTML 8Page - Analog Devices AN-502 Datasheet HTML 9Page - Analog Devices AN-502 Datasheet HTML 10Page - Analog Devices AN-502 Datasheet HTML 11Page - Analog Devices AN-502 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
–8–
AN-502
total thermal noise into the ADC. Thus overall the analog
portion of the system and not the ADC determines SNR
for this receiver. Based on this data, a minimum SNR of
10 dB exists with an input at the reference sensitivity.
This is enough to satisfy the requirements of equaliza-
tion. Better sensitivity can be achieved by selection of
quieter analog components, especially the band select
filter and the low noise amplifier.
SAW Filter Requirements Continued
As mentioned earlier, the SAW filter provides some
amount of receiver selectivity. However the primary
goal of the SAW filter is to prevent the adjacent signals
from desensitizing the RSSI of the AD6600.
With a signal 3 dB above the reference level of
–104 dBm, the ADC input level is –63.3 dBm. At this
point, the SNR is 13.9 dB. The key is to maintain this
SNR as various blockers and interferers come in-band.
This is the purpose of the SAW filters. Since the AD6600
is a gain ranging ADC, out of band signals of sufficient
amplitude can desensitize the AD6600 to the desired sig-
nals. For example, if a signal passes to the ADC with a
level above –32 dBm, the first RSSI trip point will be
reached and cause the front end to attenuate the input
by 6 dB. This would reduce the SNR by 6 dB. Thus, any
undesired signals must be kept at such a level that the
input of the AD6600 is kept below –32 dBm on the high
side or below –38 dBm on the low side. This is because
the AD6600 employs gain hystereses to prevent gain
‘chattering’ during normal signal fluctuations.
Nor-
mally, the upper trip point of –32 dBm can be used since
normal power up ramping of the transmitted signal will
cause the RSSI hystereses control to reset between us-
ers. The lower trip point is used in the case of fading
profiles when the signal magnitude is falling.
Table I.
Interferer and
Blocker
Level
SAW
AD6620
200 kHz
+9 dBc
0
18
400 kHz
+41 dBc
25 dB
25 dB
600 kHz
–26 dBm
37 dB
45 dB
800 kHz
–18 dBm
47 dB
45 dB
>3 MHz
–13 dBm
104 dB
Table I shows the interferers and blockers of interest.
Absent from this list is the 600 kHz interferer (Section
6.3) because it is equivalent to a blocker at –35 dBm,
9 dB below the interferer, which should not disrupt
either the AD6600 performance or the equalization. The
600 kHz blocking specification is included in the Table I.
For the interferer specs, the desired signal is 20 dB
above the reference point. This generates an SNR of
30.9 dB on an input signal level of –46.3.
With a 200 kHz interferer, the interferer is 9 dB above the
signal level at the input, and the analog filters internal to
the AD6600 provide little or no rejection. Therefore, at
the ADC input, the interferer is about –35 dB. This is not
enough to trip the RSSI unless peaking occurs. If this
does occur only 1 RSSI step will be inserted causing the
SNR to fall 6 dB to 24.9 dB. This is more than enough for
equalization with an acceptably low FER.
In the case of the 400 kHz interferer, the signal level on
the radio input is 41 dB above the desired signal. Since
each of the two SAW filters provide 13 dB of rejection, a
total of 26 dB can be expected for a net signal level 15 dB
above the desired signal. Thus with the desired signal
of –46.3 dBm, the interferer is –31.3 dBm which would
cause 1 RSSI step to be inserted and possibly two. In the
later case 12 dB of SNR loss would result for a net SNR
of 19 dB, still more than adequate for a low frame error
rate (FER).
In the case of the blocker tests, the desired signal is 3 dB
above the reference sensitivity of –101 dBm. As before,
this gives an SNR of 13.9 dB. Now in the 600 kHz case, a
maximum block level of –26 dBm must be tolerated. In
this case, a minimum rejection of 23 dB is needed from
each SAW filter for a total of 46 dB.
Thus the input
blocker is (–26 + 37.7 – 46) or –34.3 dBm, which is below
the RSSI threshold.
Between 800 kHz and 3 MHz, the receiver must tolerate
blockers at –16 dBm. From the filter information, the
SAW filters provide a total rejection of 56 dB. As before,
the blocker is (–16 + 37.7 – 56) or –34.3 dBm, again below
the RSSI threshold.
Finally, blockers outside 3 MHz may be up to –13 dBm.
The SAW filters provide 106 dB of rejection to these sig-
nals. Thus, ADC input levels to >3 MHz blockers are
(–13 + 37.7 – 106) or –82 dBm, which are well below any
RSSI thresholds. Furthermore, the desired signal is at
(–101+37.7) or –63.3 dBm.
Since the sample rate is
6.5 MHz and our signal placement puts the signal at 1/4
the clock rate (about 1.6 MHz), the potential exists for the
blocker to alias directly on top of our desired signal. In
this case however, we have a C/I ratio of (–63.3 – –82.0)
or 18.7 dB, 9 dB better than the equalizer is required to
tolerate from a co-channel interferer!
Looking at the SAW filter plots below it can be seen that
actual rejections are better than those shown by these
calculations. This provides greater insurance that RSSI
gain stages will not switch improperly and reduce the
SNR below 13 dB.
To achieve 106 dB of out of band rejection, two filters
must be cascaded. One filter could be used as a roofing
filter; however, the burden of the channeling filter would
then be placed on a single filter. Therefore, two identical
filters would allow the performance to be split equally


Similar Part No. - AN-502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
   LVDS Reduces EMI
AN-5023 FAIRCHILD-AN-5023 Datasheet
202Kb / 3P
   LVDS Compatibility
AN-5025 FAIRCHILD-AN-5025 Datasheet
377Kb / 3P
   Applications Using the GTLP10B320
AN-5026 FAIRCHILD-AN-5026 Datasheet
722Kb / 8P
   Using BGA Packages
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
More results

Similar Description - AN-502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
   IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
logo
AAEON Technology
PCM-3538R AAEON-PCM-3538R Datasheet
182Kb / 1P
   Using THC63LVDF84A Chipset (Receiver Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com