Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7400A Datasheet(PDF) 1 Page - Analog Devices

Part # AD7400A
Description  Digital Isolator Product Selection and Resource Guide
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400A Datasheet(HTML) 1 Page - Analog Devices

  AD7400A Datasheet HTML 1Page - Analog Devices AD7400A Datasheet HTML 2Page - Analog Devices AD7400A Datasheet HTML 3Page - Analog Devices AD7400A Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Digital Isolator Product Selection
and Resource Guide
Digital isolators with iCoupler® technology enable designers to implement
isolation in designs without the cost, size, power, performance, and reliabil-
ity constraints found with optocouplers. iCoupler digital isolators also meet
the wide range of creepage/clearance requirements and are the industry’s
only digital isolators with certified 8 mm creepage. With more than half a
billion channels shipped into the field, these magnetically isolated products
meet the same rigid safety standards as optocouplers.
Portfolio Offerings
• Single and multichannel
data isolators
• Digital isolators with
isolated power: isoPower®
• USB isolators
• Isolated gate drivers
• I2C® digital isolators
• Isolated CAN transceivers
• Isolated RS-485 transceivers
• Isolated RS-232 transceivers
• Isolated
Σ-∆ modulators
Advantages of the Broadest Portfolio of Digital Isolators
Performance
4
× improvement in data rate and timing specifications.
Integration
Multiple isolation channels integrated with other functions reduce
size, cost, and design complexity.
Power Consumption
Operates at power levels up to 90% lower than optocouplers.
Ease of Use
Standard digital CMOS interfaces mean no external components
needed to connect to other digital devices.
Reliability
Eliminates LED wearout traditionally found in optocouplers.
Safety
Meets same rigid safety standards as optocouplers, including
reinforced insulation.
www.analog.com/icoupler
Performance • Integration •
Efficiency • Reliability • Safety


Similar Part No. - AD7400A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400A AD-AD7400A Datasheet
400Kb / 18P
   Isolated Sigma-Delta Modulator
Rev. E
AD7400AYNSZ AD-AD7400AYNSZ Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400AYNSZREEL AD-AD7400AYNSZREEL Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
AD7400AYNSZREEL7 AD-AD7400AYNSZREEL7 Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
More results

Similar Description - AD7400A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
   miniSMD Selection Guide and Product Data
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4G80325FB-HC28 SAMSUNG-K4G80325FB-HC28 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com